Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH8L06G Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH8L06G
Description  Turbo 2 ultrafast high voltage rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH8L06G Datasheet(HTML) 4 Page - STMicroelectronics

  STTH8L06G Datasheet HTML 1Page - STMicroelectronics STTH8L06G Datasheet HTML 2Page - STMicroelectronics STTH8L06G Datasheet HTML 3Page - STMicroelectronics STTH8L06G Datasheet HTML 4Page - STMicroelectronics STTH8L06G Datasheet HTML 5Page - STMicroelectronics STTH8L06G Datasheet HTML 6Page - STMicroelectronics STTH8L06G Datasheet HTML 7Page - STMicroelectronics STTH8L06G Datasheet HTML 8Page - STMicroelectronics STTH8L06G Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Characteristics
STTH8L06
4/11
Doc ID 8373 Rev 6
Figure 7.
Reverse recovery charges
versus dIF/dt (typical values)
Figure 8.
Softness factor versus
dIF/dt (typical values)
0
100
200
300
400
500
600
700
800
900
1000
0
20
40
60
80
100
120
140
160
180
200
Q (nC)
rr
I =2 x I
F
F(AV)
I=I
F
F(AV)
I =0.5 x I
F
F(AV)
V =400V
T =125°C
R
j
dI /dt(A/µs)
F
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
25
50
75
100
125
150
175
200
S factor
I
2 x I
T =125°C
F
F(AV)
j
V =400V
R
dI /dt(A/µs)
F
Figure 9.
Relative variations of dynamic
parameters versus junction
temperature
Figure 10.
Transient peak forward voltage
versus dIF/dt (typical values)
0.00
0.25
0.50
0.75
1.00
1.25
25
50
75
100
125
IRM
QRR
S factor
T (°C)
j
I
2 x I
Reference: T =125°C
F
F(AV)
j
V =400V
R
0
1
2
3
4
5
6
7
0
20
40
60
80
100
120
140
160
180
200
V
(V)
FP
dI /dt(A/µs)
F
I=I
T =125°C
F
F(AV)
j
Figure 11.
Forward recovery time versus
dIF/dt (typical values)
Figure 12.
Junction capacitance versus
reverse voltage applied (typical
values)
0
50
100
150
200
250
300
0
20
40
60
80
100
120
140
160
180
200
t (ns)
fr
dI /dt(A/µs)
F
I=I
T =125°C
F
F(AV)
j
V
=1.1 x V max.
FR
F
1
10
100
1000
1
10
100
1000
C(pF)
V (V)
R
F=1MHz
V
=30mV
T =25°C
OSC
RMS
j



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com