Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP61302Q Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP61302Q
Description  5.5V, 2A, Low IQ, Synchronous Buck Converter in Tiny SOT563 for Protected Point-of-Load Automotive Rails
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP61302Q Datasheet(HTML) 2 Page - Diodes Incorporated

  AP61302Q Datasheet HTML 1Page - Diodes Incorporated AP61302Q Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.diodes.com
Announcement
New Product
diodes.com
diodes.com
5.5V Automotive-Compliant DC-DC Buck Converter Portfolio
Ordering Information
Typical Application Schematic
Efficiency vs. Output Current
Orderable
Part Number
Compliance
(Only Automotive
Supports PPAP)
Package
Identification
Code
Moisture
Sensitivity
Tape
Width
Packing
Quantity
Carrier
AP61204QZ6-7
Automotive
SOT563
GSQ
MSL-1
8mm
3,000
7” Tape & Reel
AP61204Q
VIN
EN
SW
FB
GND
INPUT
R1
200kΩ
R2
100kΩ
C2
22µF
C1
22µF
OUTPUT
VOUT
1.8V
PG
L
1μH
C3
33pF
Part
Number
VIN
Range
VOUT
Range
Output
Current
HS/LS
RDS(ON)
Adj.
PFM/
PWM
Switching
Frequency
IQ
Ambient
Temperature
PG
Package
V
V
A
mΩ
MHz
µA
°C
AP61204Q
2.4 to 5.5 0.6 to VIN
2
70 / 50
Yes
2.4
19
-40 to +125
Yes
SOT563
AP61302Q
2.4 to 5.5 0.6 to VIN
3
70 / 50
Yes
2.2
19
-40 to +125
Yes
SOT563
AP61300Q
2.4 to 5.5 0.6 to VIN
3
70 / 50
Yes
2.2
19
-40 to +125
No
SOT563
AP61102Q
2.3 to 5.5
0.6 to 3.6
1
110 / 80
Yes
2.2
15
-40 to +125
Yes
SOT563
AP61100Q
2.3 to 5.5
0.6 to 3.6
1
110 / 80
Yes
2.2
15
-40 to +125
No
SOT563
AP61062Q
2.4 to 5.5
0.6 to 3.6
0.6
110 / 80
Yes
2.2
19
-40 to +125
Yes
SOT563
August 2025
AP61204Q



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com