Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP74701Q Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP74701Q
Description  Ideal Diode Controller with VDS Clamp Removes the Need for External TVS in Automotive RVP Circuits
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP74701Q Datasheet(HTML) 2 Page - Diodes Incorporated

  AP74701Q Datasheet HTML 1Page - Diodes Incorporated AP74701Q Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Announcement
New Product
diodes.com
AP74701Q
Typical Application
August 2025
AP74701Q
ANODE
GATE
CATHODE
VCP
EN
GND
OFF
ON
Infotainment
Car
Battery
SW
R1
R2
VBAT_MON
DMT6007LFGQ
Ideal Diode Controller Portfolio
Ordering Information
Part
Number
Input
Voltage
Range
Maximum
Reverse
Voltage
Typical
Forward
Voltage
Quiescent
Current
Reverse
Response
Time
Operating
Temperature
Range
FET
Key
Feature
Package
V
V
mV
µA
µs
ºC
AP74701Q
3.2 to 65
-33
20
80
0.75
-40 to +125
External
N-MOSFET
VDS Clamp
SOT28
AP74700Q
3.9 to 60
-60
20
80
0.45
-40 to +125
External
N-MOSFET
±
60V
Operation
SO26
AP74700AQ
3.9 to 65
-60
20
80
0.45
-40 to +125
External
N-MOSFET
48V Specs
SOT26,
SOT28,
SO-8
Orderable Part
Number
Compliance
(Only Automotive
Supports PPAP)
Package
Moisture
Sensitivity
Packing
Quantity
Carrier
AP74701QTA8-7
Automotive
SOT28
MSL-1
3,000
7” Tape & Reel



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com