Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP74701Q Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP74701Q
Description  80V Low IQ Ideal Diode Controller Provides Enhanced Protection Against Reverse Battery and Overvoltage in 48V Systems
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP74701Q Datasheet(HTML) 2 Page - Diodes Incorporated

  AP74701Q Datasheet HTML 1Page - Diodes Incorporated AP74701Q Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Announcement
New Product
diodes.com
Typical Application
July 2025
Automotive-Compliant Ideal Diode Portfolio
Ordering Information
Part
Number
Max.
Voltage
Rating
Operating
Input
Voltage
Peak-Gate
Source
Current
IQ
Overvoltage
Response
Time
Ambient
Temperature
Range
Key Features*
Package
V
V
mA
µA
µs
C
AP74502Q
-80 to +80
3.2 to 75
0.06
62
0.6
-40 to +125
RPP, OVP, Inrush
current protection
SOT28
AP74502HQ
11
AP74700AQ
-65 to +70
3.2 to 65
11
80
-
-40 to +125
RCP, RVP with 48V
specifications
SOT26, SOT28,
SO-8
AP74700Q
-65 to +65
3.2 to 60
11
80
-
-40 to +125
RCP, RVP
SOT26
AP74701Q
-33 to +65
3.2 to 60
11
80
-
-40 to +125
RCP, RVP with
VDS-Clamp
SOT28
* RPP: Reverse Polarity Protection, OVP: Overvoltage Protection, RCP: Reverse Current Protection, RVP: Reverse Voltage Protection
Orderable Part
Number
Compliance
(Only Automotive
Supports PPAP)
Package
Moisture
Sensitivity
Packing
Quantity
Carrier
AP74502QTA8-7
Automotive
SOT28
MSL-1
3,000
7” Tape & Reel
AP74502HQTA8-7
Automotive
SOT28
MSL-1
3,000
7” Tape & Reel
AP74502(H)Q
GATE
SRC
OVLO
VCAP
GND
Voltage
Regulator
(DC/DC, LDO)
TVS
Q1
CIN
COUT
CVCAP
Battery /
Power
Source
VIN
R1
R2
EN/UVLO
ON OFF
Q2
AP74502Q
AP74502HQ
AP68355Q
80V 3.5A
DC-DC
48V
Battery
SMCJ51CAQ
DMTH10H028SPSWQ DMTH10H028SPSWQ



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com