Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAMS5803 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PAMS5803
Description  Digital Input Class-D Amplifier with Advanced Audio Effects Tuning Supports Highest Quality Audio
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAMS5803 Datasheet(HTML) 2 Page - Diodes Incorporated

  PAMS5803 Datasheet HTML 1Page - Diodes Incorporated PAMS5803 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Announcement
New Product
diodes.com
PAMS58xx
Typical Application
Digital Audio Amplifier Portfolio
Ordering Information
Orderable Part Number
Compliance
(Only Automotive
Supports PPAP)
Package
Moisture
Sensitivity
Packing
Quantity
Carrier
PAMS5803T28ZE-13
Standard
TSSOP-28EP (Type TH-1)
MSL-3
3,000
13” Tape & Reel
PAMS5804T28ZE-13
Standard
TSSOP-28EP (Type TH-1)
MSL-3
3,000
13” Tape & Reel
PAMS5825T28ZE-13
Standard
TSSOP-28EP (Type TH-1)
MSL-3
3,000
13” Tape & Reel
PAMS5826T28ZE-13
Standard
TSSOP-28EP (Type TH-1)
MSL-3
3,000
13” Tape & Reel
PAMS5827T28ZE-13
Standard
TSSOP-28EP (Type TH-1)
MSL-3
3,000
13” Tape & Reel
October 2025
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
PVDD
PVDD
OUT_L+
BST_L+
PGND
OUT_L-
BST_L-
BST_R-
OUT_R-
PGND
BST_R+
OUT_R+
PVDD
PVDD
PVDD
PVDD
OUT_L+
BST_L+
PGND
OUT_L-
BST_L-
BST_R-
OUT_R-
PGND
BST_R+
OUT_R+
PVDD
DGND
DVDD
ADR/GPIO2
VREG_DVDD
GPIO3
FSYNC
BCLK
SDIN
GPIO1
SDA
SCL
PDN
VREG_AVDD
AGND
0.1 μF
10 μF
3.3V
4.7kΩ
3.3V
4.7kΩ
3.3V
4.7kΩ
3.3V
4.7kΩ
3.3V
100 μF
0.1 μF
100 μF
0.1 μF
10μH
10μH
0.68 μF
0.68 μF
Woofer
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
PVDD
PVDD
OUT_L+
BST_L+
PGND
OUT_L-
BST_L-
BST_R-
OUT_R-
PGND
BST_R+
OUT_R+
PVDD
PVDD
PVDD
PVDD
OUT_L+
BST_L+
PGND
OUT_L-
BST_L-
BST_R-
OUT_R-
PGND
BST_R+
OUT_R+
PVDD
DGND
DVDD
ADR/GPIO2
VREG_DVDD
GPIO3
FSYNC
BCLK
SDIN
GPIO1
SDA
SCL
PDN
VREG_AVDD
AGND
0.1 μF
10 μF
3.3V
3.3V
3.3V
3.3V
3.3V
100 μF
0.1 μF
100 μF
0.1 μF
10μH
10μH
10μH
10μH
0.68 μF
0.68 μF
0.68 μF
0.68 μF
L Channel
R Channel
4.7k
4.7k
4.7k
4.7k
Stereo Connection
Mono Connection
Part
Number
Description
Vin
THD+N
(Po 5W,
BTL, 1kHz)
PSRR
Package
V
dB
PAMS5803
2×24W Stereo | 1×40W Mono,
Digital Audio Amplifier with Basic
Audio Effect Tuning
4.5 to 17
92
35
0.02%
-72
Yes
Yes
I2C,
I2S
TSSOP-28EP
(Type TH-1)
PAMS5804
2×33W Stereo | 1×66W Mono,
Digital Audio Amplifier with Basic
Audio Effect Tuning
4.5 to 26.4
90
35
0.02%
-72
Yes
Yes
I2C,
I2S
TSSOP-28EP
(Type TH-1)
PAMS5825
PAMS5825 2×33W Stereo | 1×51W
Mono, Digital Audio Amplifier with
Rich Audio Effect Tuning
4.5 to 21
92
35
0.02%
-72
Yes
Yes
I2C,
I2S
TSSOP-28EP
(Type TH-1)
PAMS5826
PAMS5825 2×40W Stereo | 1×80W
Mono, Digital Audio Amplifier with
Rich Audio Effect Tuning
4.5 to 26.4
90
37
0.02%
-72
Yes
Yes
I2C,
I2S
TSSOP-28EP
(Type TH-1)
PAMS5827
2×41W Stereo | 1×82W Mono,
Digital Audio Amplifier With
Advanced Audio Effect Tuning
4.5 to 26.4
91
37
0.02%
-72
Yes
Yes
I2C,
I2S
TSSOP-28EP
(Type TH-1)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com