Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CB332012A Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PI6CB332012A
Description  Low Jitter 20-, 16-, 13-, 12-, 8- and 4-Output Clock Buffers Enhance Performance in PCIe® 6.0 Systems
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI6CB332012A Datasheet(HTML) 1 Page - Diodes Incorporated

  PI6CB332012A Datasheet HTML 1Page - Diodes Incorporated PI6CB332012A Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
diodes.com
Announcement
New Product
The DIODES Advantage
The PI6CB3320xxA’s low-additive phase jitter enhances
system timing margins in PCIe 6.0 high-speed connectivity
applications.
The PI6CB3320xxA series consists of
PCIe 6.0 clock buffers with 20, 16, 13,
12, 8, and 4 channels of low-power
HCSL output with on-chip termination of
85
 or 100 output impedance.
The series has very low 3fs to 4fs
additive phase jitter and supports
flexible start-up power sequence, loss-
of-input signal detection, power-down
tolerant input pins, and automatic output
clock parking upon loss of input signal.
Their individual channel OE input
provides flexible power management.
Output clock frequencies up to 400MHz
are supported.
The PI6CB3320xxA family is available
in various small-footprint QFN and LGA
packages ranging from 4mm x 4mm to
9mm x 9mm.
Low Jitter 20-, 16-, 13-, 12-, 8- and 4-Output Clock
Buffers Enhance Performance in PCIe® 6.0 Systems
PI6CB3320xxA
▪ Low 3fs-4fs Additive Phase Jitter
Minimizes phase noise for increased system timing margins
▪ Individual OE Pin for Each Output
Allows dynamic routing and enhances power saving
▪ Flexible Start-Up Power Sequencing
Simplifies system design and ensures well-defined system
behavior under various power sequencing scenarios
▪ Available in 20-, 16-, 13-, 12-, 8-, and 4-Output Variants
Supports various system clock tree design requirements
▪ On-Chip Termination Saves Up to 80 External Resistors
Reduces bill-of-materials (BOM) cost, saves board space,
and simplifies PCB layout
Applications
▪ Servers
▪ Surveillance systems
▪ Data centers
February 2025
The Diodes logo is a registered trademark of Diodes
Incorporated in the United States and other countries.
All other trademarks are the property of their respective
other owners.
© 2025 Copyright Diodes Incorporated. All Rights
Reserved.


Similar Part No. - PI6CB332012A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI6CB332012A DIODES-PI6CB332012A Datasheet
506Kb / 2P
4- and 2-Output Clock Mux-Buffers with Low Jitter Enhance Performance in PCIe® 6.0 Systems
October 2025
More results

Similar Description - PI6CB332012A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE72010 TI-CDCE72010 Datasheet
1Mb / 70P
Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
CDCE72010 TI-CDCE72010_09 Datasheet
1Mb / 73P
Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
logo
Analog Devices
AD9530 AD-AD9530 Datasheet
979Kb / 41P
4 CML Output, Low Jitter Clock Generator
4/16-Revision 0
logo
Diodes Incorporated
PI6C49S1504T DIODES-PI6C49S1504T Datasheet
529Kb / 2P
High-Performance Two-and Four-Output Fanout Clock Buffers Enhance System Timing Margins
logo
Renesas Technology Corp
9DBL0255_0455 RENESAS-9DBL0255_0455 Datasheet
805Kb / 17P
2 and 4-Output 3.3V PCIe Gen1–5 Clock Fanout Buffers with LOS
February 3, 2023
9FGV0831 RENESAS-9FGV0831 Datasheet
516Kb / 16P
8-Output Very Low-Power PCIe Gen 1–4 Clock Generator
JUNE 6, 2019
9ZXL04X1E RENESAS-9ZXL04X1E Datasheet
1Mb / 34P
4 to 12-Output Buffers for PCIe Gen1–5 and UPI
December 19, 2022
logo
Skyworks Solutions Inc.
SI53340 SKYWORKS-SI53340 Datasheet
2Mb / 38P
Low-Jitter LVDS Fanout Clock Buffers
Rev. 1.2 December 3, 2021
SI53212 SKYWORKS-SI53212 Datasheet
1Mb / 56P
12/8/4-Output PCI-Express Low Jitter, Low Power Gen 1/2/3/4/5 Clock Buffer
Rev. 1.0
logo
Texas Instruments
LMKDB1120 TI-LMKDB1120 Datasheet
2Mb / 70P
LMKDB1120 and LMKDB1108 Ultra-Low Jitter PCIe Gen 1 to Gen 6 LP-HCSL Clock Buffers
NOVEMBER 2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com