Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC356 Datasheet(PDF) 1 Page - Multicomp Pro

Part # PC356
Description  Push Wire Connector 6Way
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

PC356 Datasheet(HTML) 1 Page - Multicomp Pro

  PC356 Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <1>
V1.0
29/04/13
Push Wire Connector
6Way
Specifications:
Housing Material
: PC
Current
: 24A (VDE)
Voltage
: 600V, 450V (VDE)
Working Temperature
: 105°C, 110°C (VDE)
Wire Range
: 14 - 22Cu, Solder AWG/12 - 22Cu, strip AWG,
2.5mm2 (VDE)
Stripping Length
: 11mm (0.43")
Dimensions : Millimetres
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
Multicomp is the registered trademark of the Group. © Premier Farnell plc 2012.
Part Number Table
Description
Part Number
Connector, Push Wire, 6Way
PC356


Similar Part No. - PC356

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PC356 ETC-PC356 Datasheet
124Kb / 1P
Push Wire Connector 6Way
29/04/13 V1.0
logo
Sharp Corporation
PC356NT SHARP-PC356NT Datasheet
82Kb / 6P
Mini-Flat Package,High Collector-emitter Voltage Type Photocoupler
More results

Similar Description - PC356

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SCHA ALPS-SCHA Datasheet
213Kb / 4P
Connector for microSD??Card (Push-push Type)
logo
Yamaichi Electronics Co...
FRS012-2200-0 YAMAICHI-FRS012-2200-0 Datasheet
149Kb / 2P
4-in-1 Card Connector (Push / Push)
logo
SUYIN USA, INC.
250073FB007SX00ZA SUYIN-USA-250073FB007SX00ZA Datasheet
99Kb / 1P
RS-MMC TOP MOUNT PUSH-PUSH CONNECTOR
logo
Molex Electronics Ltd.
0194300004 MOLEX4-0194300004 Datasheet
101Kb / 2P
See and Splice??5 Circuit Push-in Wire Connector for 12-22 AWG Wire
logo
PANDUIT CORP.
VWS4238-C PANDUIT-VWS4238-C Datasheet
34Kb / 2P
Wire Saddles, Push Mounts
VWS4274-C PANDUIT-VWS4274-C Datasheet
34Kb / 2P
Wire Saddles, Push Mounts
logo
List of Unclassifed Man...
561-WC7510 ETC2-561-WC7510 Datasheet
178Kb / 1P
Wire Clip with Push-In Mount
logo
Tyco Electronics
EC1670-000 MACOM-EC1670-000 Datasheet
157Kb / 2P
Z-Type push-on wire markers
logo
AVX Corporation
9162-500 AVX-9162-500 Datasheet
425Kb / 3P
Six position slide-in SIM connector & Push-Push microSD connector
logo
List of Unclassifed Man...
6612 ETC-6612 Datasheet
86Kb / 1P
Wire Lead Toggle & Push Button Switches
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com