Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC10H065DI Datasheet(PDF) 15 Page - STMicroelectronics

Part # STPSC10H065DI
Description  650 V, 10 A high surge silicon carbide power Schottky diode
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC10H065DI Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STPSC10H065DI Datasheet HTML 9Page - STMicroelectronics STPSC10H065DI Datasheet HTML 10Page - STMicroelectronics STPSC10H065DI Datasheet HTML 11Page - STMicroelectronics STPSC10H065DI Datasheet HTML 12Page - STMicroelectronics STPSC10H065DI Datasheet HTML 13Page - STMicroelectronics STPSC10H065DI Datasheet HTML 14Page - STMicroelectronics STPSC10H065DI Datasheet HTML 15Page - STMicroelectronics STPSC10H065DI Datasheet HTML 16Page - STMicroelectronics STPSC10H065DI Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
3
Ordering information
Table 9. Ordering information
Order code
Marking
Package
Weight
Base qty.
Delivery mode
STPSC10H065G-TR
STPSC10H065G
D²PAK
1.48 g
1000
Tape and reel
STPSC10H065D
STPSC10H065D
TO-220AC
1.86 g
50
Tube
STPSC10H065DI
STPSC 10H065DI
TO-220AC Ins.
2.12 g
50
Tube
STPSC10H065B-TR
PSC10 H065
DPAK
0.32 g
2500
Tape and reel
STPSC10H065
Ordering information
DS9226 - Rev 8
page 15/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com