Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D40533708 Datasheet(PDF) 1 Page - Glamox

Part # D40533708
Description  D40-R70A WH LED 500 AC830 40°
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLAMOX [Glamox]
Direct Link  https://www.glamox.com/
Logo GLAMOX - Glamox

D40533708 Datasheet(HTML) 1 Page - Glamox

  D40533708 Datasheet HTML 1Page - Glamox D40533708 Datasheet HTML 2Page - Glamox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10/10/2025
The Company reserves the right to change any product specifications without prior notification.
1/2
D40-R70A WH LED 500 AC
830 40°
D40 is the ideal choice when you want to use the lighting to
create a warm and pleasant atmosphere. The low profile
and compact design also simplify installation and reduces
the need for ceiling void space.
Item No.
D40533708
GTIN
4741145337083
Stock status code
C
Technical specifications
Mounting
Product Mounting
Ceiling recessed
General
Product shape
Round
Electrical Data
Leakage Current (mA)
0.2
Main Feed AC (V) Min
220
Main Feed AC (V) Max
240
Main Feed Frequency Min
50
Main Feed Frequency Max
60
Total Consumption (W)
7.2
Number Of Luminaire MCB 10B
63
Number Of Luminaire MCB 10C
94
Number Of Luminaire MCB 16B
100
Number Of Luminaire MCB 16C
150
Optic
Beam Angle (°)
40
Optic description
Medium beam
Optic Name
MB - Medium beam
UGR (70/50/20 & 4H-8H crosswise)
28
Technical Data
Minimum TA (ºC)
-25
Maximum TA (ºC)
25
IP classification
43
Light Technical Data
Light source
LED
Lumen Out (lm)
551
Lumen Per Watt (lm/W)
79
Lamp colour temp (K)
3000
Colour Rendering Index
>80
MacAdam step
3
Energy Class Light Source
G
Driver / Ballast
Type of LED Driver
AC: Alternating Current
Number of Driver
1
Lifetime
Luminous flux decline (LLMF) 50.000h Ta25
0.70
Housing
Body Material
Aluminium
Body Colour
WH - White
Main Body Colour Name
White
Dimensions
Height (mm)
45
Diameter (mm)
84
Item Net Weight (kg)
0.276
Logistic Data
Item Gross Weight (kg)
0.3
Texts
Added information
Adjustable version


Similar Part No. - D40533708

ManufacturerPart #DatasheetDescription
logo
Glamox
D40533704 GLAMOX-D40533704 Datasheet
230Kb / 2P
D40-R70F CH LED 500 AC830 25°
D40533706 GLAMOX-D40533706 Datasheet
230Kb / 2P
D40-R70F CH LED 500 AC830 60°
D40533707 GLAMOX-D40533707 Datasheet
232Kb / 2P
D40-R70A WH LED 500 AC830 25°
D40533709 GLAMOX-D40533709 Datasheet
231Kb / 2P
D40-R70A WH LED 500 AC830 60°
More results

Similar Description - D40533708

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2702935 PHOENIX-2702935 Datasheet
66Kb / 4P
LED machine light - PLD M 260 W-85/95 540/D40/SC
2702938 PHOENIX-2702938 Datasheet
66Kb / 4P
LED machine light - PLD M 260 W-40/80 190/D40
2702939 PHOENIX-2702939 Datasheet
66Kb / 4P
LED machine light - PLD M 260 W-40/80 365/D40
2702942 PHOENIX-2702942 Datasheet
65Kb / 4P
LED machine light - PLD M 260 W-40/80 715/D40
1774542 PHOENIX-1774542 Datasheet
184Kb / 5P
HC-KA-D40-BU/PER
1774843 PHOENIX-1774843 Datasheet
136Kb / 4P
HC-KA-D40-BU/PEL
1774856 PHOENIX-1774856 Datasheet
136Kb / 4P
HC-KA-D40-ST/PEL
logo
Schneider Electric
XB4FVCUST01 SCHNEIDER-XB4FVCUST01 Datasheet
92Kb / 1P
FLUSH PL WH LED 230V
Sep 29, 2021
XB4FVCUST02 SCHNEIDER-XB4FVCUST02 Datasheet
92Kb / 1P
FLUSH PL WH LED 230V
Sep 29, 2021
ZB4FVCUST01 SCHNEIDER-ZB4FVCUST01 Datasheet
77Kb / 1P
FLUSH WH PROJECTING PL HEAD LED
Oct 4, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com