Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL58263Q Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AL58263Q
Description  I2C/SPI Programmable 18-/12-Channel Linear LED Drivers with Digital-Color Mixing Simplify Automotive Dynamic Lighting
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL58263Q Datasheet(HTML) 2 Page - Diodes Incorporated

  AL58263Q Datasheet HTML 1Page - Diodes Incorporated AL58263Q Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Announcement
New Product
diodes.com
Typical Application
Multi-Channel Linear LED Driver Overview
Ordering Information
Orderable Part Number
Compliance
(Only Automotive
Supports PPAP)
Package
Package
Code
Moisture
Sensitivity
Packing
Quantity
Carrier
AL58818QJAZW40-13
Automotive
W-QFN5050-40/SWP
(Type A1)
JAZW
MSL-1
5,000
13” Tape
& Reel
AL58812QJAZW40-13
W-QFN5050-40/SWP
(Type A1)
September 2025
AL58818Q
AL58812Q
Part Number
Min.
Supply
Voltage
Max.
Supply
Voltage
Max.
VOUT
Max.
Output
Current
Interface
Dimming
Ambient
Temp.
Range
Package
Global
Analog
PWM
V
V
V
mA
%
Bits
Bits
ºC
AL58818Q
2.7
5.5
5.5
18
70
±
3
I2C/SPI
6
12
-40 to +125
W-QFN5050-40/SWP
(Type A1)
AL58812Q
2.7
5.5
5.5
12
70
±
3
I2C/SPI
6
12
-40 to +125
W-QFN5050-40/SWP
(Type A1)
AL58263Q
3.0
5.5
15
16
55
±
1.5
SSI-4*
6
16
-40 to +125 W-QFN4040-24EP/SWP
AL5887Q
2.7
5.5
5.5
36
70
±
3
I2C/SPI
6
12
-40 to +125
W-QFN6060-52/SWP
AL58818Q
AL58812Q
SPISDO_SDA
SPICS_SCL
GND
VCC
Out0
Outx
EN
VIN
SPISDA_ADDR0
IREF
FAULT
Vbat
RSET
Microcontroller
I2C
Interface
CVCC
SPISCL_ADDR1
Out1
Out2
Outx
Outx
Vio
INT_RSTn
INT_SEL
VMCU
Buck
Microcontroller
SPI
Interface
VMCU
SDA
SCL
EN
FAULT
INT_RSTn
SPISDO
SPICS
EN
FAULT
INT_RSTn
RP_INT_SEL
SW1
SW4
SPISDA
SPISCL
SW5
SW6
SW3
SW2
For I2C connection: SW1, SW2, SW3 - CLOSED
SW4, SW5, SW6 – OPEN
For SPI connection: SW1, SW2, SW3 - OPEN
SW4, SW5, SW6 - CLOSED
* SSI-4: Serial Synchronous Interface 4 wires



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com