Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7315Q Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP7315Q
Description  500mA, High-PSRR, Low-Noise, Automotive-Compliant LDO with Power Good and Adjustable Output Voltages
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7315Q Datasheet(HTML) 2 Page - Diodes Incorporated

  AP7315Q Datasheet HTML 1Page - Diodes Incorporated AP7315Q Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Announcement
New Product
diodes.com
AP7347EQ
Typical Application
Automotive Compliant 5V CMOS LDO Product Portfolio
Ordering Information
February 2025
Part
Number
VIN
Adj
VOUT
Fixed VOUT
IOUT
VDROP
@ Full
Load
(3.3V)
IQ
Packages
V
V
V
mA
mV
µA
%
AP7347EQ
1.7 to
5.5
Yes
1.0, 1.05, 1.1, 1.15, 1.2,
1.5, 1.7, 1.8, 2.2, 2.5,
2.8, 2.9, 3.0, 3.3, 5.0
500
320
75
1
Yes
Yes Yes
U-DFN2020-6/SWP (Type UXC)
V-DFN3030-8/SWP (Type UX)
AP7347DQ
1.7 to
5.5
No
1.0, 1.05, 1.1, 1.15, 1.2,
1.5, 1.7, 1.8, 2.2, 2.5,
2.8, 2.9, 3.3, 5.0
500
320
60
1
Yes
Yes
No
SOT25
W-DFN2020-6/SWP
AP7343Q
1.7 to
5.25
No
0.9, 1.0, 1.1, 1.2, 1.5, 1.8,
2.5, 2.7, 2.8, 2.9, 3.0, 3.3
300
310
35
1
No
Yes
No
SOT25
W-DFN2020-6/SWP
AP7343DQ
Yes
AP7315Q
1.7 to
5.25
No
1.1, 1.2, 1.5, 1.8, 2.5,
2.7, 2.8, 2.9, 3.0, 3.3
150
290
35
1
No
Yes
No
SOT25
AP7315DQ
Yes
Orderable Part Number*
Compliance
(Only Automotive
Supports PPAP)
Package
Moisture
Sensitivity
Packing
Quantity
Carrier
AP7347EQ-XXXFDCW-7R
Automotive
U-DFN2020-6/SWP (Type UXC)
MSL 1
3,000
7” Tape
& Reel
AP7347EQ-XXXFDCWR-7R
Automotive
U-DFN2020-6/SWP (Type UXC)
MSL 1
3,000
7” Tape
& Reel
AP7347EQ-XXXFGECW-13A
Automotive
V-DFN3030-8/SWP (Type UX)
MSL 1
3,000
13” Tape
& Reel
* Where XXX stands for voltage options
– see page 15 of the datasheet
Automotive-Compliant 5V CMOS LDO Product Portfolio
3.3V
2.6V
Pin Assignments



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com