Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCC4046B Datasheet(PDF) 8 Page - STMicroelectronics

Part # HCC4046B
Description  MICRMICROPOWER PHASE-LOCKED LOOP _
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4046B Datasheet(HTML) 8 Page - STMicroelectronics

Back Button HCC4046B Datasheet HTML 4Page - STMicroelectronics HCC4046B Datasheet HTML 5Page - STMicroelectronics HCC4046B Datasheet HTML 6Page - STMicroelectronics HCC4046B Datasheet HTML 7Page - STMicroelectronics HCC4046B Datasheet HTML 8Page - STMicroelectronics HCC4046B Datasheet HTML 9Page - STMicroelectronics HCC4046B Datasheet HTML 10Page - STMicroelectronics HCC4046B Datasheet HTML 11Page - STMicroelectronics HCC4046B Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Test Conditions
Val ue
Symbol
Parameter
V DD (V) Min.
Typ.
Max.
Unit
PHASE COMPARATOR SECTION (cont’d)
T PHL
Propagation Delay Time High to
Low Level Pins 14 to 13
5
225
450
ns
10
100
200
15
65
130
T PL H
Propagation Delay Time Low to
High, Level
5350
700
ns
10
150
300
15
100
200
T PHZ
Propagation Delay Time 3-state
High Level to High Impedance
Pins 14 to 13
5225
450
ns
10
100
200
15
65
130
T PL Z
Low Level to High Impedance
5
285
570
ns
10
130
260
15
95
190
t r,tf
Input Rise or Fall Time
Comparator Pin 3
550
µs
10
1
15
0.3
Signal Pin 14
5
500
µs
10
20
15
2.5
TTHL ,
T TLH
Transition Time
5
100
200
ns
10
50
100
15
40
80
* For sine wave the frequency must be greater than 10KHZ for Phase Comparator II.
HCC/HCF4046B
8/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com