Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCC4047B Datasheet(PDF) 6 Page - STMicroelectronics

Part # HCC4047B
Description  LOW-POWELOW-POWER MONOSTABLE/ASTABLE MULTIVIBRATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4047B Datasheet(HTML) 6 Page - STMicroelectronics

Back Button HCC4047B Datasheet HTML 2Page - STMicroelectronics HCC4047B Datasheet HTML 3Page - STMicroelectronics HCC4047B Datasheet HTML 4Page - STMicroelectronics HCC4047B Datasheet HTML 5Page - STMicroelectronics HCC4047B Datasheet HTML 6Page - STMicroelectronics HCC4047B Datasheet HTML 7Page - STMicroelectronics HCC4047B Datasheet HTML 8Page - STMicroelectronics HCC4047B Datasheet HTML 9Page - STMicroelectronics HCC4047B Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
DYNAMIC ELECTRICAL CHARACTERISTICS (continued)
Value
Symbol
Parameter
Test Conditions
V DD (V)
Min.
Typ.
Max.
Unit
tPLH,tPHL
Propagation
Delay Time
Retrigger to Q, Q
5
300
600
10
150
300
15
100
200
External Reset to
Q, Q
5
250
500
10
100
200
15
70
140
tTHL,tTLH
Transition Time Osc. Out Q, Q
5
100
200
10
50
100
15
40
80
tw
Input Pulse
Width :
+ Trigger,
– Trigger
5
200
400
ns
10
80
160
15
50
100
Reset
5
100
200
10
50
100
15
30
60
Retrigger
5
300
600
10
115
230
15
75
150
tr,tf
Input Rise and Fall Time All Inputs
5
Unlimited
µs
10
15
Q or Q Deviation from 50% Duty
Factor
5
± 0.5
± 1
%
10
± 0.5
± 1
15
± 0.1
± 0.5
Typical Output Low (sink) Current Charac-
teristics.
Minimum Output Low (sink) Current Charac-
teristics.
HCC/HCF4047B
6/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com