Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF253N Datasheet(PDF) 5 Page - STMicroelectronics

Part # LF253N
Description  Wide bandwidth dual JFET operational amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LF253N Datasheet(HTML) 5 Page - STMicroelectronics

  LF253N Datasheet HTML 1Page - STMicroelectronics LF253N Datasheet HTML 2Page - STMicroelectronics LF253N Datasheet HTML 3Page - STMicroelectronics LF253N Datasheet HTML 4Page - STMicroelectronics LF253N Datasheet HTML 5Page - STMicroelectronics LF253N Datasheet HTML 6Page - STMicroelectronics LF253N Datasheet HTML 7Page - STMicroelectronics LF253N Datasheet HTML 8Page - STMicroelectronics LF253N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
LF253, LF353
Electrical characteristics
Doc ID 2153 Rev 3
5/15
Figure 2.
Maximum peak-to-peak output
voltage vs. frequency, RL = 2 kΩ
Figure 3.
Maximum peak-to-peak output
voltage vs. frequency, RL = 10 kΩ
V
CC = +/- 15 V
V
CC = +/- 10 V
V
CC = +/- 5 V
R
L = 2 kΩ
T
amb = +25°C
V
CC = +/- 15 V
V
CC = +/- 10 V
V
CC = +/- 5 V
R
L = 10 kΩ
T
amb = +25°C
Figure 4.
Maximum peak-to-peak output
voltage versus frequency
Figure 5.
Maximum peak-to-peak output
voltage versus free air temperature
V
CC = +/- 15 V
R
L = 2 kΩ
T
amb = +25°C
T
amb = -55°C
T
amb = +125°C
V
CC = +/- 15 V
R
L = 10 kΩ
R
L = 2 kΩ
Figure 6.
Maximum peak-to-peak output
voltage versus load resistance
Figure 7.
Maximum peak-to-peak output
voltage versus supply voltage
LOAD RESISTANCE (k
Ω)
V
CC = +/- 15 V
T
amb = +25°C
R
L = 10 kΩ
T
amb = +25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com