Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PISR Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # PISR
Description  In-Line Splicer/Reducer with Clear Insulation
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PISR Datasheet(HTML) 1 Page - PANDUIT CORP.

  PISR Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ELECTRICAL SOLUTIONS
Prime items appear in BOLD.
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
In-Line Splicer/Reducer with Clear Insulation
• Flexible design – can be used as a splice or reducer
• Dual rated for use with copper or aluminum conductors
• Made from high strength, extruded aluminum alloy to
provide premium electrical and mechanical performance
• Insulated with clear PVC to eliminate the need for taping and
allow for visual inspection of the complete conductor insertion
• Each port pre-filled with oxide inhibiting joint compound seals
out air and moisture to deter surface oxidation
• Wide wire range-taking capability minimizes inventory requirements
• Plated steel or aluminum set screw provides high strength, durable
electrical contact between conductor and connector
• UL Listed and CSA Certified for use up to 600 V and UL
temperature rated 90°C
W
L
H
For Use with Aluminum or Copper Code Conductors
Type PISR
Part Number
Conductor Size Range
Figure Dimensions
(In.)
Std.
Pkg.
Qty.
L
W
H
PISR2-1
#2 AWG STR – #14 AWG STR,
#8 AWG SOL – #10 AWG SOL
2.38
0.75
1.25
1
PISR1/0-1
1/0 AWG STR – #14 AWG STR,
#8 AWG SOL – #14 AWG SOL
2.91
0.95
1.41
1
PISR250-1
250 kcmil – #10 AWG STR,
#8 AWG SOL – #10 AWG SOL
4.00
1.25
2.24
1
PISR350-1
350 kcmil – #10 AWG STR,
#8 AWG SOL – #10 AWG SOL
4.63
1.40
2.34
1
PISR500-1
500 kcmil – #6 AWG STR
5.25
1.72
2.63
1


Similar Part No. - PISR

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
PIS150H TDK-PIS150H Datasheet
1Mb / 8P
PIS power inductors
September 2022
PIS150H-471M TDK-PIS150H-471M Datasheet
1Mb / 8P
PIS power inductors
September 2022
logo
List of Unclassifed Man...
PIS209S ETC-PIS209S Datasheet
105Kb / 2P
PYRO-ELECTIRIC INFRA RED SENSORS
logo
PULS GmbH
PISA11 PULS-PISA11 Datasheet
719Kb / 23P
PROTECTION MODULE 24V, 4 OUTPUTS
PISA11.CLASS2 PULS-PISA11.CLASS2 Datasheet
579Kb / 19P
PROTECTION MODULE 24V, 4 OUTPUTS
More results

Similar Description - PISR

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M85049-32-2-81 GLENAIR-M85049-32-2-81 Datasheet
61Kb / 1P
Adapter Reducer
logo
PANDUIT CORP.
D-436-88 PANDUIT-D-436-88 Datasheet
128Kb / 2P
IN-LINE SPLICE SEALING SYSTEM, MULTI-WIRE SPLICER NICKEL PLATED, COLOR CODED, WITH INSPECTION SLOTS
D-602-0140 PANDUIT-D-602-0140 Datasheet
153Kb / 1P
CRIMP SPLICER, STUB
D-609-06 PANDUIT-D-609-06 Datasheet
88Kb / 1P
COLOR CODED CRIMP SPLICER, IN-LINE, TIN PLATED
D-609-09 PANDUIT-D-609-09 Datasheet
93Kb / 1P
COLOR CODED CRIMP SPLICER, IN-LINE, NICKEL PLATED
PCSB600-2-4Y PANDUIT-PCSB600-2-4Y Datasheet
105Kb / 2P
Multi-Tap Connector with Clear Insulation, Double-Sided
logo
Cooper Bussmann, Inc.
16000-2 COOPER-16000-2 Datasheet
1Mb / 4P
Splicer blocks
logo
Hubbell Incorporated.
BISR1DB HUBBELL-BISR1DB Datasheet
267Kb / 2P
In-Line Splice/Reducer, 2 Port, 2-1 AWG, Al/Cu Rated.
BISR4DB HUBBELL-BISR4DB Datasheet
266Kb / 2P
In-Line Splice/Reducer, 2 Port, 6-4 AWG, Al/Cu Rated.
BISR350FX HUBBELL-BISR350FX Datasheet
263Kb / 2P
IN-LINE SPLICER/REDUCER.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com