Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H533CEI6 Datasheet(PDF) 69 Page - STMicroelectronics

Part # STM32H533CEI6
Description  Arm® Cortex®-M33 32-bit MCUTrustZone® FPU, 375 DMIPS 250 MHz, 512-Kbyte flash, 272-Kbyte RAM, cryptography
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H533CEI6 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button STM32H533CEI6 Datasheet HTML 65Page - STMicroelectronics STM32H533CEI6 Datasheet HTML 66Page - STMicroelectronics STM32H533CEI6 Datasheet HTML 67Page - STMicroelectronics STM32H533CEI6 Datasheet HTML 68Page - STMicroelectronics STM32H533CEI6 Datasheet HTML 69Page - STMicroelectronics STM32H533CEI6 Datasheet HTML 70Page - STMicroelectronics STM32H533CEI6 Datasheet HTML 71Page - STMicroelectronics STM32H533CEI6 Datasheet HTML 72Page - STMicroelectronics STM32H533CEI6 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 231 page
background image
E11
7
7
7
14
G2
25
J1
NRST
I/O
RST
-
-
-
-
-
-
8
15
G1
26
J2
PC0
I/O
FT_a
-
SPI4_MISO, SPI2_RDY, FMC_A25,
OCTOSPI1_IO7, EVENTOUT
ADC12_INP10
-
-
-
9
16
H3
27
K2
PC1
I/O
FT_ah
-
TRACED0, SPI2_MOSI/I2S2_SDO,
SPI4_MOSI, OCTOSPI1_IO4,
EVENTOUT
ADC12_INP11, ADC12_INN10,
TAMP_IN3/TAMP_OUT5,
WKUP6
-
-
-
10
17H128
K1
PC2
I/O
FT_a
-
PWR_CSLEEP, TIM4_CH4,
SPI2_MISO/I2S2_SDI, OCTOSPI1_IO5,
OCTOSPI1_IO2, EVENTOUT
ADC12_INP12, ADC12_INN11
-
-
-
11
18H229
L1
PC3
I/O
FT_a
-
PWR_CSTOP, LPUART1_TX,
SPI2_MOSI/I2S2_SDO, OCTOSPI1_IO6,
OCTOSPI1_IO0, EVENTOUT
ADC12_INP13, ADC12_INN12
--
-
-
-
J3
30
F6
VDD
S
-
-
-
-
-
-
-
-
-
L7
-
D10
VSS
S
-
-
-
-
F10
8
8
12
19
J2
31
K3
VSSA
S
-
-
-
-
-
-
-
-
20
-
-
H4
VREF-
S
-
-
-
-
-
-
-
-
21
J1
32
J3
VREF+
S
-
-
-
-
G11
9
9
13
22
K1
33
J4
VDDA
S
-
-
-
-
E9
10
10
14
23
L3
34
L2
PA0
I/O
FT_at
(4)
TIM2_CH1, TIM5_CH1, TIM8_ETR,
TIM15_BKIN, SPI4_SCK, SPI3_RDY,
USART2_CTS/USART2_NSS,
UART4_TX, FDCAN2_RX, TIM2_ETR,
EVENTOUT
ADC12_INP0, ADC12_INN1,
TAMP_IN2/TAMP_OUT1,
WKUP1
Table 14. STM32H533xx pin/ball definition (continued)
Pin number(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com