Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H533CEK6 Datasheet(PDF) 70 Page - STMicroelectronics

Part # STM32H533CEK6
Description  Arm® Cortex®-M33 32-bit MCUTrustZone® FPU, 375 DMIPS 250 MHz, 512-Kbyte flash, 272-Kbyte RAM, cryptography
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H533CEK6 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button STM32H533CEK6 Datasheet HTML 66Page - STMicroelectronics STM32H533CEK6 Datasheet HTML 67Page - STMicroelectronics STM32H533CEK6 Datasheet HTML 68Page - STMicroelectronics STM32H533CEK6 Datasheet HTML 69Page - STMicroelectronics STM32H533CEK6 Datasheet HTML 70Page - STMicroelectronics STM32H533CEK6 Datasheet HTML 71Page - STMicroelectronics STM32H533CEK6 Datasheet HTML 72Page - STMicroelectronics STM32H533CEK6 Datasheet HTML 73Page - STMicroelectronics STM32H533CEK6 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 231 page
background image
D6
11
11
15
24
K2
35
L3
PA1
I/O
FT_aht
(4)
TIM2_CH2, TIM5_CH2, TIM15_CH1N,
LPTIM1_IN1, OCTOSPI1_DQS,
USART2_RTS, UART4_RX,
OCTOSPI1_IO3, USART6_CK,
EVENTOUT
ADC12_INP1,
TAMP_IN5/TAMP_OUT4
E7
12
12
16
25
K4
36
K4
PA2
I/O
FT_at
(4)
TIM2_CH3, TIM5_CH3, LPUART1_TX,
TIM15_CH1, LPTIM1_IN2, USART2_TX,
EVENTOUT
ADC12_INP14,
TAMP_IN4/TAMP_OUT3,
WKUP2
D4
13
13
17
26
L1
37
M2
PA3
I/O
FT_ah
-
TIM2_CH4, TIM5_CH4,
OCTOSPI1_CLK, TIM15_CH2,
SPI2_NSS/I2S2_WS,
SPI3_MOSI/I2S3_SDO, USART2_RX,
EVENTOUT
ADC12_INP15
B10
-
-
18
27
-
38
F5
VSS
S
-
-
-
-
A11
-
-
19
28
J10
39
F8
VDD
S
-
-
-
-
E5
14
14
20
29
L2
40
M3
PA4
I/O
TT_a
-
TIM5_ETR, LPTIM2_CH1,
SPI3_MOSI/I2S3_SDO,
SPI1_NSS/I2S1_WS,
SPI3_NSS/I2S3_WS, USART2_CK,
DCMI_HSYNC/PSSI_DE, EVENTOUT
ADC12_INP18, DAC1_OUT1
E3
15
15
21
30
M2
41
L4
PA5
I/O
TT_ah
-
TIM2_CH1, TIM8_CH1N,
SPI1_SCK/I2S1_CK, PSSI_D14,
TIM2_ETR, EVENTOUT
ADC12_INP19, ADC12_INN18,
DAC1_OUT2
F4
16
16
22
31
M1
42
M4
PA6
I/O
FT_ah
-
TIM1_BKIN, TIM3_CH1, TIM8_BKIN,
SPI1_MISO/I2S1_SDI, OCTOSPI1_IO3,
DCMI_PIXCLK/PSSI_PDCK,
EVENTOUT
ADC12_INP3
Table 14. STM32H533xx pin/ball definition (continued)
Pin number(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com