Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H533CEU7 Datasheet(PDF) 75 Page - STMicroelectronics

Part # STM32H533CEU7
Description  Arm® Cortex®-M33 32-bit MCUTrustZone® FPU, 375 DMIPS 250 MHz, 512-Kbyte flash, 272-Kbyte RAM, cryptography
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H533CEU7 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button STM32H533CEU7 Datasheet HTML 71Page - STMicroelectronics STM32H533CEU7 Datasheet HTML 72Page - STMicroelectronics STM32H533CEU7 Datasheet HTML 73Page - STMicroelectronics STM32H533CEU7 Datasheet HTML 74Page - STMicroelectronics STM32H533CEU7 Datasheet HTML 75Page - STMicroelectronics STM32H533CEU7 Datasheet HTML 76Page - STMicroelectronics STM32H533CEU7 Datasheet HTML 77Page - STMicroelectronics STM32H533CEU7 Datasheet HTML 78Page - STMicroelectronics STM32H533CEU7 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 231 page
background image
-
-
-
-
62
G12
86
G9
PD15
I/O
FT_h
-
TIM4_CH4, FMC_D1/FMC_AD1,
EVENTOUT
-
-
-
-
-
-
-
87
H12
PG2
I/O
FT_h
-
TIM8_BKIN, FMC_A12, EVENTOUT
-
-
-
-
-
-
-
88
G10
PG3
I/O
FT_h
-
TIM8_BKIN2, FMC_A13, EVENTOUT
-
-
-
-
-
-
-
89
G11
PG4
I/O
FT_h
-
TIM1_BKIN2, FMC_A14, EVENTOUT
-
-
-
-
-
-
-
90
G12
PG5
I/O
FT_h
-
TIM1_ETR, FMC_A15, EVENTOUT
-
-
-
-
-
-
-
91
F12
PG6
I/O
FT_h
-
I3C1_SDA, SPI1_RDY, OCTOSPI1_NCS,
UCPD1_FRSTX, FMC_NE3,
DCMI_D12/PSSI_D12, EVENTOUT
-
-
-
-
-
-
-
92
F11
PG7
I/O
FT_h
-
I3C1_SCL, USART6_CK,
UCPD1_FRSTX, FMC_INT,
DCMI_D13/PSSI_D13, EVENTOUT
-
-
-
-
-
-
-
93
F10
PG8
I/O
FT_h
-
TIM8_ETR, SPI3_MOSI/I2S3_SDO,
USART6_RTS, EVENTOUT
-
-
-
-
-
-
-
94
-
VSS
S
-
-
-
-
--
-
-
-
-
95
-
VDD
S
-
-
-
-
-
-
-
37
63
F12
96
F9
PC6
I/O
FT_h
-
TIM3_CH1, TIM8_CH1, I2S2_MCK,
USART6_TX, SDMMC1_D0DIR,
FMC_NWAIT, I3C2_SCL,
OCTOSPI1_IO5, SDMMC1_D6,
DCMI_D0/PSSI_D0, EVENTOUT
-
-
-
-
38
64
F11
97
E12
PC7
I/O
FT_h
-
TRGIO, TIM3_CH2, TIM8_CH2,
I2S3_MCK, USART6_RX,
SDMMC1_D123DIR, FMC_NE1,
I3C2_SDA, OCTOSPI1_IO6,
SDMMC1_D7, DCMI_D1/PSSI_D1,
EVENTOUT
-
Table 14. STM32H533xx pin/ball definition (continued)
Pin number(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com