Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H533CEK7 Datasheet(PDF) 78 Page - STMicroelectronics

Part # STM32H533CEK7
Description  Arm® Cortex®-M33 32-bit MCUTrustZone® FPU, 375 DMIPS 250 MHz, 512-Kbyte flash, 272-Kbyte RAM, cryptography
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H533CEK7 Datasheet(HTML) 78 Page - STMicroelectronics

Back Button STM32H533CEK7 Datasheet HTML 74Page - STMicroelectronics STM32H533CEK7 Datasheet HTML 75Page - STMicroelectronics STM32H533CEK7 Datasheet HTML 76Page - STMicroelectronics STM32H533CEK7 Datasheet HTML 77Page - STMicroelectronics STM32H533CEK7 Datasheet HTML 78Page - STMicroelectronics STM32H533CEK7 Datasheet HTML 79Page - STMicroelectronics STM32H533CEK7 Datasheet HTML 80Page - STMicroelectronics STM32H533CEK7 Datasheet HTML 81Page - STMicroelectronics STM32H533CEK7 Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 231 page
background image
-
-
-
-
81
B9
114
D8
PD0
I/O
FT_h
-
TIM8_CH4N, UART4_RX, FDCAN1_RX,
FMC_D2/FMC_AD2, EVENTOUT
-
-
-
-
-
82
A9
115
C9
PD1
I/O
FT_h
-
UART4_TX, FDCAN1_TX,
FMC_D3/FMC_AD3, EVENTOUT
-
-
-
-
54
83
B8
116
A10
PD2
I/O
FT_h
-
TRACED2, TIM3_ETR, TIM15_BKIN,
UART5_RX, SDMMC1_CMD,
DCMI_D11/PSSI_D11, EVENTOUT
WKUP7
-
-
-
-
84
A8
117
B9
PD3
I/O
FT_h
-
SPI2_SCK/I2S2_CK,
USART2_CTS/USART2_NSS,
FMC_CLK, DCMI_D5/PSSI_D5,
EVENTOUT
WKUP8
-
-
-
-
85
A7
118
A9
PD4
I/O
FT_h
-
USART2_RTS, OCTOSPI1_IO4,
FMC_NOE, EVENTOUT
-
-
-
-
-
86
B7
119
C8
PD5
I/O
FT_h
-
TIM1_CH4N, SPI2_RDY, USART2_TX,
FDCAN1_TX, OCTOSPI1_IO5,
FMC_NWE, EVENTOUT
-
-
-
-
-
-
-
120
-
VSS
S
-
-
-
-
-
-
-
-
-
C8
121
C5
VDDIO2
S
-
-
-
-
-
-
-
-
87
A6
122
B8
PD6
I/O
FT_sh
-
I3C2_SCL, I2C3_SCL,
SPI3_MOSI/I2S3_SDO, USART2_RX,
OCTOSPI1_IO6, SDMMC1_CK,
FMC_NWAIT, DCMI_D10/PSSI_D10,
EVENTOUT
-
-
-
-
-
88
B6
123
A8
PD7
I/O
FT_sh
-
I3C2_SDA, I2C3_SDA,
SPI1_MOSI/I2S1_SDO,
SPI3_MISO/I2S3_SDI, USART2_CK,
OCTOSPI1_IO7, SDMMC1_CMD,
FMC_NE1/FMC_NCE, EVENTOUT
-
Table 14. STM32H533xx pin/ball definition (continued)
Pin number(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com