Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H533CEI7TR Datasheet(PDF) 21 Page - STMicroelectronics

Part # STM32H533CEI7TR
Description  Arm® Cortex®-M33 32-bit MCUTrustZone® FPU, 375 DMIPS 250 MHz, 512-Kbyte flash, 272-Kbyte RAM, cryptography
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H533CEI7TR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STM32H533CEI7TR Datasheet HTML 17Page - STMicroelectronics STM32H533CEI7TR Datasheet HTML 18Page - STMicroelectronics STM32H533CEI7TR Datasheet HTML 19Page - STMicroelectronics STM32H533CEI7TR Datasheet HTML 20Page - STMicroelectronics STM32H533CEI7TR Datasheet HTML 21Page - STMicroelectronics STM32H533CEI7TR Datasheet HTML 22Page - STMicroelectronics STM32H533CEI7TR Datasheet HTML 23Page - STMicroelectronics STM32H533CEI7TR Datasheet HTML 24Page - STMicroelectronics STM32H533CEI7TR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 231 page
background image
DS14539 Rev 1
21/231
STM32H533xx
Functional overview
60
Option bytes are available to set the flash memory protection mechanisms:
•
Different product states for protecting memory content from debug access
•
Write protection (WRP) to protect areas against erasing and programming. Two areas
per bank can be selected with 8-Kbyte granularity.
•
Sector group write-protection (WRPSG), protecting up to 32 groups of four sectors
(32 Kbytes) per bank
•
Two secure-only areas (one per user flash memory bank). When enabled, this area is
accessible only if the STM32 device operates in Secure-access mode
•
One HDP area per bank providing temporal isolation for startup code
The whole non-volatile memory embeds the error correction code (ECC) feature supporting:
•
Single-error detection and correction
•
Double-error detection
•
ECC fail address report
3.4.1
FLASH security and protections
Sensitive information is stored in the flash memory and it is important to protect the memory
against unwanted operations such as reading confidential areas, illegal programming of
immutable sectors, or malicious flash memory erasing.
For that purpose FLASH implements the following protection mechanisms:
•
TrustZone backed watermark and block security protection
•
Temporal isolation protection (HDP)
•
Configuration protection
•
User flash memory write protection
•
Device non-volatile security life cycle and application boot state management
•
OTP locking
Refer to the product reference manual for a detailed description of the security mechanisms.
3.4.2
FLASH privilege protection
Each flash memory sector can be programmed on the fly as privileged or unprivileged.
3.5
Embedded SRAMs
Four SRAMs are embedded in the STM32H533xx devices, each with specific features.
SRAM1, SRAM2, and SRAM3 are the main SRAMs.
These SRAMs are made of several blocks that can be powered down in Stop mode to
reduce consumption:
•
SRAM1: 128 Kbytes
•
SRAM2: 80 Kbytes with ECC
•
SRAM3: 64 Kbytes
•
BKPSRAM (backup SRAM): 2 Kbytes with ECC. The BKPSRAM can be retained in all
low-power modes and when VDD is off in VBAT mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com