Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H533CEK7TR Datasheet(PDF) 2 Page - STMicroelectronics

Part # STM32H533CEK7TR
Description  Arm® Cortex®-M33 32-bit MCUTrustZone® FPU, 375 DMIPS 250 MHz, 512-Kbyte flash, 272-Kbyte RAM, cryptography
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H533CEK7TR Datasheet(HTML) 2 Page - STMicroelectronics

  STM32H533CEK7TR Datasheet HTML 1Page - STMicroelectronics STM32H533CEK7TR Datasheet HTML 2Page - STMicroelectronics STM32H533CEK7TR Datasheet HTML 3Page - STMicroelectronics STM32H533CEK7TR Datasheet HTML 4Page - STMicroelectronics STM32H533CEK7TR Datasheet HTML 5Page - STMicroelectronics STM32H533CEK7TR Datasheet HTML 6Page - STMicroelectronics STM32H533CEK7TR Datasheet HTML 7Page - STMicroelectronics STM32H533CEK7TR Datasheet HTML 8Page - STMicroelectronics STM32H533CEK7TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 231 page
background image
STM32H533xx
2/231
DS14539 Rev 1
• Flexible life cycle scheme with secure debug
authentication
• SESIP3 and PSA Level 3 certified assurance
target
• Preconfigured immutable root of trust
(ST-iROT)
• SFI (secure firmware installation)
• Root of trust thanks to unique boot entry and
secure hide protection area (HDP)
• Secure data storage with hardware unique key
(HUK)
• Secure firmware upgrade support with TF-M
• Two AES coprocessors including one with DPA
resistance
• Public key accelerator, DPA resistant
• On-the-fly decryption of Octo-SPI external
memories
• HASH hardware accelerator
• True random number generator, NIST
SP800-90B compliant
• 96-bit unique ID
• Active tampers
Two DMA controllers to offload the CPU
• Two dual-port DMAs with FIFO
Reset and supply management
• 1.71 V to 3.6 V application supply and I/O
• POR, PDR, PVD, and BOR
• Embedded regulator with configurable scalable
output to supply the digital circuitry
Up to 16 timers
• 10x 16-bit (including two low-power 16-bit
timers available in Stop mode)
• Two 32-bit timers with up to four IC/OC/PWM
or pulse counters and quadrature (incremental)
encoder input
• Two watchdogs
• Two SysTick timers
Up to 34 communication interfaces
• Up to three I2Cs Fm+ (SMBus/PMBus®)
• Two I3Cs
• Up to six U(S)ARTs (ISO7816 interface, LIN,
IrDA, modem control) and one LPUART
• Up to four SPIs including three muxed
full-duplex I2S audio class accuracy via
internal audio PLL or external clock, and up to
four additional SPIs from four USARTs when
configured in Synchronous mode (one
additional SPI with OctoSPI)
• Two FDCAN controllers
• One 8- to 14-bit camera interface
• One 16-bit parallel slave synchronous-
interface
• One HDMI-CEC
• One USB 2.0 full-speed host and device
(crystal-less)
• One USB Type-C®/ USB Power Delivery r3.1
Analog
• Two 12-bit ADCs with up to 5 Msps in 12-bit
• One 12-bit DAC with two channels
• Digital temperature sensor
• Voltage reference buffer
Debug
• Authenticated debug and flexible device life
cycle
• Serial wire-debug (SWD), JTAG, Embedded
Trace Macrocell™ (ETM)
ECOPACK2 compliant packages
Table 1. Device summary
Reference
Part numbers
STM32H533xx
STM32H533CE, STM32H533HE, STM32H533RE, STM32H533VE, STM32H533ZE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com