Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRT2S-C Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # PRT2S-C
Description  Pan-Ty® Marker and Flag Ties
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PRT2S-C Datasheet(HTML) 1 Page - PANDUIT CORP.

  PRT2S-C Datasheet HTML 1Page - PANDUIT CORP. PRT2S-C Datasheet HTML 2Page - PANDUIT CORP. PRT2S-C Datasheet HTML 3Page - PANDUIT CORP. PRT2S-C Datasheet HTML 4Page - PANDUIT CORP. PRT2S-C Datasheet HTML 5Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ELECTRICAL SOLUTIONS
Order number of pieces required, in multiples of Standard Package Quantity.
Prime items appear in BOLD.
B1.34
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
• Natural nylon material for indoor use
• Weather resistant material has greater resistance to damage
caused by ultraviolet light – indoor or outdoor use
• Flame retardant material has a flammability rating of UL 94V-0 –
for indoor use
• Used to fasten and identify bundles at the same time
• One-piece construction for consistent performance and reliability
• Can be marked with Panduit marker pens on page B1.51
or computer printable labels
• Custom imprinting with text, symbols, or trademarks available
using Panduit Custom Hot Stamping Service, see page B1.93
• Curved tip is easy to pick up from flat surfaces and allows faster
initial threading to speed installation
Pan-Ty ® Marker and Flag Ties
Weather Resistant Nylon 6.6
Miniature Cross Section
PLF1M-C0
Flag
4.3
109 .098
2.5
.045 1.1
.31 x .75
7.9 x 19.1
.87
22
18
80
GTS, GTSL,
GS2B, PTS,
PPTS, STS2
100
1000
PLF1MA-M0
Flag
5.1
130 .098
2.5
.045 1.1 .76 x 1.04 19.1 x 26.4
.87
22
18
80
1000 10000
PLM1M-C0
Wrap
3.9
99
.098
2.5
.035
.9
.26 x .95
6.6 x 24.1
.75
19
18
80
100
1000
PLM2M-M0
Wrap
8.0
203 .098
2.5
.035
.9
.26 x .95
6.6 x 24.1
2.00
51
18
80
1000 25000
Standard Cross Section
PLM2S-C0
Wrap
7.4
188 .185
4.7
.052 1.3
.44 x .87
11.1 x 22.1
1.75
45
50
222
GTS, GTSL,
GS2B, GTH,
GS4H, PTS,
PTH, PPTS,
STS2, STH2
100
1000
PLM4S-D0
Wrap
14.6 371 .185
4.7
.052 1.3 .44 x 2.00 11.1 x 50.8
4.00
102
50
222
500
5000
PL2M2S-L0
Wrap
7.4
188 .185
4.7
.052 1.3 .87 x 1.07 22.1 x 27.2
1.75
45
50
222
50
500
PL3M2S-D0
Wrap
7.4
188 .185
4.7
.052 1.3 .87 x 1.79 22.1 x 45.5
1.75
45
50
222
500
2500
Flame Retardant Nylon 6.6
Miniature Cross Section
PLF1M-M69
Flag
4.3
109 .098
2.5
.045 1.1
.31 x .75
7.9 x 19.1
.87
22
18
80
GTS, GTSL,
GS2B, PTS,
PPTS, STS2
1000 25000
PLM1M-M69
Wrap
3.9
99
.098
2.5
.035
.9
.26 x .95
6.6 x 24.1
.75
19
18
80
1000 25000
Part
Number
Marker
Type
Length
Width
Thickness
Marker
Write-On
Area
Max.
Bundle
Dia.
Min.
Loop
Tensile Str.
Recommended
Installation
Tool
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
In.
mm
In.
mm
In.
mm
In.
mm Lbs.
N
Nylon 6.6
Miniature Cross Section
PLF1M-C
Flag
4.3
109 .098
2.5
.045 1.1
.31 x .75
7.9 x 19.1
.87
22
18
80
GTS, GTSL,
GS2B, PTS,
PPTS, STS2
100
1000
PLF1MA-C
Flag
5.1
130 .098
2.5
.045 1.1 .76 x 1.04 19.1 x 26.4
.87
22
18
80
100
1000
PLF1MB-C
Flag
4.0
101 .098
2.5
.045 1.1
.31 x .92
7.9 x 23.4
.75
19
18
80
100
1000
PLF1MC-M
Flag
4.3
109 .098
2.5
.045 1.1
.29 x .32
7.4 x 8.0
.87
22
18
80
1000 25000
PLM1M-C
Wrap
3.9
99
.098
2.5
.035
.9
.26 x .95
6.6 x 24.1
.75
19
18
80
100
1000
PLM2M-C
Wrap
8.0
203 .098
2.5
.035
.9
.26 x .95
6.6 x 24.1
2.00
51
18
80
100
1000
Standard Cross Section
PLM2S-C
Wrap
7.4
188 .185
4.7
.052 1.3
.44 x .87
11.1 x 22.1
1.75
45
50
222
GTS, GTSL,
GS2B, GTH,
GS4H, PTS,
PTH, PPTS,
STS2, STH2
100
1000
PLM4S-C
Wrap
14.6 371 .185
4.7
.052 1.3 .44 x 2.00 11.1 x 50.8
4.00
102
50
222
100
1000
PL2M2S-L
Wrap
7.4
188 .185
4.7
.052 1.3 .87 x 1.07 22.1 x 27.2
1.75
45
50
222
50
500
PL3M2S-L
Wrap
7.4
188 .185
4.7
.052 1.3 .87 x 1.79 22.1 x 45.5
1.75
45
50
222
50
500


Similar Part No. - PRT2S-C

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
PRT2S-C PANDUIT-PRT2S-C Datasheet
94Kb / 1P
ELECTRICAL SOLUTIONS
PRT2S-C PANDUIT-PRT2S-C Datasheet
4Mb / 192P
Cable Ties/Wiring Accessories Catalog—WW-CTCB03
More results

Similar Description - PRT2S-C

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
HLT21 PANDUIT-HLT21 Datasheet
57Kb / 1P
TAK-TY HOOK & LOOP CABLE TIES HLT SERIES
PLT1M-M PANDUIT-PLT1M-M Datasheet
55Kb / 1P
PAN-TY CABLE TIE - PLT SERIES
PLT3S-M0 PANDUIT-PLT3S-M0 Datasheet
64Kb / 1P
PAN-TY CABLE TIES-PLT SERIES
PLT4H-TL76 PANDUIT-PLT4H-TL76 Datasheet
50Kb / 1P
PAN-TY CABLE TIES PLT ELEVATED TEMPERATURE SERIES
PLM1M-M PANDUIT-PLM1M-M Datasheet
51Kb / 1P
PAN-TY MARKER PLM SERIES
PLT3I-M PANDUIT-PLT3I-M Datasheet
64Kb / 1P
PAN-TY CABLE TIES-PLT SERIES
PLT1S-M PANDUIT-PLT1S-M Datasheet
83Kb / 2P
PAN-TY CABLE TIES - PLT SERIES
PLT1M-XMR PANDUIT-PLT1M-XMR Datasheet
172Kb / 1P
PAN-TY CABLE TIE PLT SERIES
logo
Lapp.
61723351 LAPP-61723351 Datasheet
78Kb / 1P
Detectable Cable ties with steel nose (TY-RAP®)
31.08.2023
LSC LAPP-LSC Datasheet
668Kb / 3P
FLEXIMARK® Steel cable ties LS and LSC
05-12-2018
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com