Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS150LP Datasheet(PDF) 2 Page - AEROTECH US. ALL RIGHTS RESERVED.

Part # ACS150LP
Description  Direct-Drive Rotary Collet Stage
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

ACS150LP Datasheet(HTML) 2 Page - AEROTECH US. ALL RIGHTS RESERVED.

  ACS150LP Datasheet HTML 1Page - AEROTECH US. ALL RIGHTS RESERVED. ACS150LP Datasheet HTML 2Page - AEROTECH US. ALL RIGHTS RESERVED. ACS150LP Datasheet HTML 3Page - AEROTECH US. ALL RIGHTS RESERVED. ACS150LP Datasheet HTML 4Page - AEROTECH US. ALL RIGHTS RESERVED. ACS150LP Datasheet HTML 5Page - AEROTECH US. ALL RIGHTS RESERVED. ACS150LP Datasheet HTML 6Page - AEROTECH US. ALL RIGHTS RESERVED. ACS150LP Datasheet HTML 7Page - AEROTECH US. ALL RIGHTS RESERVED.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
aerotech.com
ACS LP SERIES SPECIFICATIONS
ACS MAXIMUM SPEEDS FOR ENCODER OPTION
Specifications
ACS100LP
ACS150LP
ACS200LP
Travel
±360° Continuous
Collet Option(1)
ER8/MicroBore
ER25
ER40
Aperture-ER8/MicroBore
5 mm ER, 0.9 mm MicroBore
N/A
Aperture-ER25
N/A
16 mm
N/A
Aperture-ER40
N/A
25 mm
Maximum Torque (Continuous)
0.64 N·m
2.36 N·m
5.99 N·m
Bus Voltage
Up to 340 VDC
Max Speed(2)
1500 rpm
600 rpm
Accuracy-Uncalibrated(3)
388
µrad (80 arc sec)
Accuracy-Calibrated(3)
29.1
µrad (6 arc sec)
48.5
µrad (10 arc sec)
Repeatability(3)
14.6
µrad (3 arc sec)
19.4
µrad (4 arc sec)
Max Load-ER8/MicroBore(4)
1.5 kg (Axial); 0.5 kg (Radial); 0.75 N-m (Moment)
Max Load-ER25(4)
10 kg (Axial); 5 kg (Radial); 6 N-m (Moment)
Max Load-ER40(4)
15 kg (Axial); 10 kg (Radial); 12 N-m (Moment)
Pin/Collet Runout(5)
<25
µm
Tilt Error Motion
48.5
µrad (10 arc sec)
97
µrad (20 arc sec)
Inertia Unloaded
0.00038 kg-m2
0.00242 kg-m2
0.00843 kg-m2
Total Mass
2.0 kg
4.3 kg
7.6 kg
Finish-Table
Hardcoat
Finish-Stage
Black Anodize
Encoder Option
ACS100LP
ACS150LP
ACS200LP
-E1 / -E2 / -E3 / -E4
1500 rpm
600 rpm
600 rpm
-E5
800 rpm
300 rpm
300 rpm
1. Collet chuck accepts Rego-Fix ER collets manufactured to DIN6499 specifications only.
2. Maximum speed based on stage capability; maximum application velocity may be limited by system data rate, system resolution, and load.
3. Repeatability and accuracy are dependent on encoder resolution. To achieve the listed specifications, encoder resolution must be 0.36 arc sec or less.
4. Maximum loads are mutually exclusive. Loading limits are due to the collet chuck mechanism. Contact Aerotech directly if part load requirement exceeds specifications.
5. Measured TIR of precision gage pin chucked with an ultraprecision ER collet (DIN6499) 6 mm away from collet face with no load.
6. Collet chuck mechanism is normally-closed. Collet mechanism requires air to open collet chuck. Air supply must be dry (0ºF dew point) oil-less air OR 99.99% pure
nitrogen. Air or nitrogen must be filtered to 1 micron particle size or better.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com