Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALAR150LP Datasheet(PDF) 1 Page - AEROTECH US. ALL RIGHTS RESERVED.

Part # ALAR150LP
Description  Large Aperture Rotary Stage
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

ALAR150LP Datasheet(HTML) 1 Page - AEROTECH US. ALL RIGHTS RESERVED.

  ALAR150LP Datasheet HTML 1Page - AEROTECH US. ALL RIGHTS RESERVED. ALAR150LP Datasheet HTML 2Page - AEROTECH US. ALL RIGHTS RESERVED. ALAR150LP Datasheet HTML 3Page - AEROTECH US. ALL RIGHTS RESERVED. ALAR150LP Datasheet HTML 4Page - AEROTECH US. ALL RIGHTS RESERVED. ALAR150LP Datasheet HTML 5Page - AEROTECH US. ALL RIGHTS RESERVED. ALAR150LP Datasheet HTML 6Page - AEROTECH US. ALL RIGHTS RESERVED. ALAR150LP Datasheet HTML 7Page - AEROTECH US. ALL RIGHTS RESERVED. ALAR150LP Datasheet HTML 8Page - AEROTECH US. ALL RIGHTS RESERVED.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Low-Profile, Direct-Drive Motion
for Heavy-Duty Applications
The ALAR family of direct-drive, large-aperture rotary
stages provides superior angular positioning and
velocity control. ALAR-LP (low profile) offers a generous
payload capacity with a short overall height, making it
ideal for space-constrained applications. Featuring a
large-diameter clear aperture and a non-cogging direct-
drive motor, ALAR-LP stages offer a better-performing
alternative to worm-gear stages.
Key Applications
ALAR-LP stages are best suited for applications including:
‹
Single- and multi-axis sensor testing
‹
Inertial navigation device qualification
‹
Missile seeker testing
‹
Antenna testing
‹
Photonic component alignment
‹
High-accuracy laser processing
‹
Precision wafer inspection
‹
Custom gimbal assemblies
KEY FEATURES:
Large Aperture Rotary Stage
ALAR-LP
‹
Offers a LOW-PROFILE FORM FACTOR with
overall stage height as short as 65 mm for space-
constrained applications
‹
INTEGRATES EASILY INTO SYSTEMS &
MACHINES thanks to large-diameter clear
aperture up to 325 mm
‹
Delivers EXTREMELY PRECISE, smooth, cog-
free rotation with direct-drive torque motor
‹
SUPPORTS LARGE AXIAL & RADIAL LOADS,
ideal for linear/rotary stage combinations & gimbal
configurations
‹
Provides long service life & CONSISTENT
PERFORMANCE over time
‹
Available with absolute encoder option & limited
travel for MAXIMUM PAYLOAD SECURITY


Similar Part No. - ALAR150LP

ManufacturerPart #DatasheetDescription
logo
AEROTECH US. ALL RIGHTS...
ALAR150SP AEROTECH-ALAR150SP Datasheet
892Kb / 9P
Large Aperture Rotary Stage
More results

Similar Description - ALAR150LP

ManufacturerPart #DatasheetDescription
logo
EPCOS
B62152 EPCOS-B62152 Datasheet
75Kb / 2P
Double-Aperture Cores
logo
Red Lion Controls. Inc
ZUK0060H REDLION-ZUK0060H Datasheet
468Kb / 2P
MODEL ZUK - LARGE THRU-BORE ROTARY PULSE GENERATORS
logo
OmniVision Technologies...
OV7955 OMNIVISION-OV7955 Datasheet
4Mb / 2P
aperture/gamma correction
logo
Fair-Rite Products Corp...
2843000302 FAIR-RITE-2843000302_18 Datasheet
607Kb / 2P
Multi- Aperture cores
2843002402 FAIR-RITE-2843002402_18 Datasheet
606Kb / 2P
Multi- Aperture cores
2843002702 FAIR-RITE-2843002702_18 Datasheet
607Kb / 2P
Multi- Aperture cores
2843009902 FAIR-RITE-2843009902_18 Datasheet
617Kb / 2P
Multi- Aperture cores
2867002302 FAIR-RITE-2867002302_18 Datasheet
595Kb / 2P
Multi- Aperture cores
2867006802 FAIR-RITE-2867006802_18 Datasheet
601Kb / 2P
Multi- Aperture cores
logo
New Scale Technologies,...
M3-RS-U2-4.5-360 NEWSCALE-M3-RS-U2-4.5-360 Datasheet
282Kb / 2P
Rotary Smart Stage
1-6-2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com