Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALAR200LP Datasheet(PDF) 2 Page - AEROTECH US. ALL RIGHTS RESERVED.

Part # ALAR200LP
Description  Large Aperture Rotary Stage
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

ALAR200LP Datasheet(HTML) 2 Page - AEROTECH US. ALL RIGHTS RESERVED.

  ALAR200LP Datasheet HTML 1Page - AEROTECH US. ALL RIGHTS RESERVED. ALAR200LP Datasheet HTML 2Page - AEROTECH US. ALL RIGHTS RESERVED. ALAR200LP Datasheet HTML 3Page - AEROTECH US. ALL RIGHTS RESERVED. ALAR200LP Datasheet HTML 4Page - AEROTECH US. ALL RIGHTS RESERVED. ALAR200LP Datasheet HTML 5Page - AEROTECH US. ALL RIGHTS RESERVED. ALAR200LP Datasheet HTML 6Page - AEROTECH US. ALL RIGHTS RESERVED. ALAR200LP Datasheet HTML 7Page - AEROTECH US. ALL RIGHTS RESERVED. ALAR200LP Datasheet HTML 8Page - AEROTECH US. ALL RIGHTS RESERVED.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
aerotech.com
ALAR-LP SPECIFICATIONS
1. Limited travel options only.
Mechanical Specifications
ALAR100LP
ALAR150LP
ALAR200LP
ALAR250LP
ALAR325LP
Travel
Continuous (optional 340° max. limited travel)
Aperture
100 mm
150 mm
200 mm
250 mm
325 mm
Resolution (Min. Incremental Motion)(1)
0.1 µrad
(0.02 arc sec)
0.09 µrad
(0.018 arc sec)
0.02 µrad
(0.014 arc sec)
0.05 µrad
(0.01 arc sec)
0.04 µrad
(0.009 arc sec)
Accuracy(2)(3)
± 9.7 µrad (± 2 arcsec)
Bidirectional Repeatability(3)
± 2.4 µrad (± 0.5 arc sec)
Tilt-Error Motion
19.4 µrad (4.0 arc sec)
Maximum Speed(4)
50 rpm
45 rpm
90 rpm
120 rpm
Maximum Torque
13 N•m
22.9 N•m
126.8 N•m
147.9 N•m
213.8 N•m
Continuous Torque
2.2 N•m
4.0 N•m
19.3 N•m
22.5 N•m
35.0 N•m
Axial Load
1175 N
1325 N
4350 N
4590 N
5825 N
Radial Load
950 N
1275 N
4125 N
5050 N
6450 N
Moment Load(5)
150 N•m
225 N•m
1075 N•m
1475 N•m
2200 N•m
Shaft Inertia
0.022 kg•m2
0.031 kg•m2
0.190 kg•m2
0.310 kg•m2
0.550 kg•m2
Shaft Inertia with Limits
0.026 kg•m2
0.042 kg•m2
0.229 kg•m2
0.383 kg•m2
0.675 kg•m2
Stage Mass
8.3 kg
9.8 kg
28.2 kg
35.0 kg
44.5 kg
Stage Mass with Limits
8.9 kg
10.8 kg
30.1 kg
37.4 kg
49.9 kg
Electrical Specifications
ALAR100LP
ALAR150LP
ALAR200LP
ALAR250LP
ALAR325LP
Motor
Brushless Slotless
Continuous Current
Apk
5.8
5.4
5.3
5.1
Arms
4.1
3.8
3.6
Peak Current, Stall
Apk
33.5
31.4
34.8
31.2
Arms
23.7
22.2
24.6
22.1
Bus Voltage
Up to 340 VDC
Incremental Encoder Line Count
31,488 lines/rev
36,000 lines/rev
47,200 lines/rev
55,040 lines/rev
64,800 lines/rev
Limit Switches(1)
5 V, normally closed
1. Resolution assumes 1 Vpp encoder with 2000x controller multiplication.
2. Certified with each stage. Requires the use of an Aerotech controller.
3. Repeatability and accuracy are dependent on encoder selection. To achieve the listed specifications, the electrical resolution should be 0.2 arc sec or smaller.
4. Square-wave digital encoder options will limit maximum speed below the listed value. Contact factory for specific stage and encoder speed combination.
5. The ALAR-LP base must be fully supported by a rigid mounting surface to achieve the specified moment load.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com