Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLP2-215-R-54 Datasheet(PDF) 1 Page - Bivar, Inc.

Part # GLP2-215-R-54
Description  PRESS-FIT PANEL MOUNT LIGHT PIPE (D/R), IP-54
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BIVAR [Bivar, Inc.]
Direct Link  https://www.bivar.com/
Logo BIVAR - Bivar, Inc.

GLP2-215-R-54 Datasheet(HTML) 1 Page - Bivar, Inc.

  GLP2-215-R-54 Datasheet HTML 1Page - Bivar, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.117IN±.002 3.0MM±0.1
.030IN 0.76mm
.080IN 2.03mm
D1
8:1
CUSTOMER USE DRAWING
SIZE
4/16/2025
4 THOMAS, IRVINE, CA. 92618
TEL: (949) 951-8808
FAX: (949) 951-3974
TITLE:
PRESS-FIT PANEL MOUNT
SCALE:
(UNLESS OTHERWISE SPECIFIED)
DECIMALS
STANDARD TOLERANCE
.X
± .1
.XX
± .01
.XXX
± .005
X°
± 1°
REVISED:
DATE:
CHECKED:
DATE:
DRAWING NO:
A
REVISION:
SHEET #
OF
GLP2-XXX-Y-ZZ
1
K. BARON
4/16/2025
R. PEREYRA
CAD GENERATED DOCUMENT, DO NOT MEASURE DRAWING
ANGULAR
LIGHT PIPE (D/R), IP-54
DATE:
A. VALDEZ
DESIGNED:
CAGE CODE:
6/7/2024
1
SHEET
32559
RECOMMENDED MOUNTING HOLE *(SEE NOTE 3)
PANEL THICKNESS: .047" - .093"
ROUND FACE
DOME FACE
REVISIONS
REV.
DESCRIPTION
DATE
APPROVED
A ENGINEERING RELEASE
06/07/24
A.V.
B REDEFINE CTQ
9/19/2024
A.V.
C UPDATED DIMENSIONS
10/18/2024
A.V.
D UPDATE PN LIST
1/14/2025
A.V.
D1 UPDATED MOUNTING HOLE NOTE
4/16/2025
A.V.
NOTES:
MATERIAL: POLYCARBONATE, UL94V-0, CLEAR.
1.
OPERATING TEMPERATURE: -40°C to 120°C.
2.
THE RECOMMENDED REFERENCED MOUNTING HOLE IS SPECIFIED FOR EASE OF ASSEMBLY AND IP54 APPLICATION
3.
REQUIREMENTS AS TESTED BY BIVAR. THE LIGHT PIPE(S) MUST BE INSERTED FIRMLY PERPENDICULAR INTO THE PANEL
OR SURFACE’S HOLE OPENING WITH THE FLANGE FULLY FLUSHED AFTER PANEL INSTALLATION. ADJUSTMENTS TO THESE
MOUNTING HOLE DIMENSIONS CAN BE MADE BASED ON AVAILABLE TOOLS, EQUIPMENT, PANEL MATERIAL, AND MFG
CAPABILITIES TO PROPERLY FIT THE LIGHT PIPE(S) IN THE PANEL OR SURFACE FOR ITS INTENDED APPLICATION.
NOTES:
MATERIAL: POLYCARBONATE, UL94V-0, CLEAR.
1.
OPERATING TEMPERATURE: -40°C to 120°C.
2.
THE RECOMMENDED REFERENCED MOUNTING HOLE IS SPECIFIED FOR EASE OF ASSEMBLY AND IP54 APPLICATION
3.
REQUIREMENTS AS TESTED BY BIVAR. THE LIGHT PIPE(S) MUST BE INSERTED FIRMLY PERPENDICULAR INTO THE PANEL
OR SURFACE’S HOLE OPENING WITH THE FLANGE FULLY FLUSHED AFTER PANEL INSTALLATION. ADJUSTMENTS TO THESE
MOUNTING HOLE DIMENSIONS CAN BE MADE BASED ON AVAILABLE TOOLS, EQUIPMENT, PANEL MATERIAL, AND MFG
CAPABILITIES TO PROPERLY FIT THE LIGHT PIPE(S) IN THE PANEL OR SURFACE FOR ITS INTENDED APPLICATION.
1.7mm
.067IN
X
FULL RADIUS
.013IN 0.32mm
X
.145IN 3.68mm
.145IN 3.68mm
2.84mm
.112IN
LIGHT PIPE
.122IN±.001 3.10MM±0.03
RIBS TYP.
PARTNO.
X=BODYLENGTH LENSFACE
GLP2-100-R-54 0.100IN [2.54mm]
ROUND
GLP2-125-R-54
0.125IN [3.2mm]
ROUND
GLP2-215-R-54
0.215IN [5.5mm]
ROUND
GLP2-250-R-54
0.250IN [6.4mm]
ROUND
GLP2-350-R-54
0.350IN [8.9mm]
ROUND
GLP2-375-R-54
0.375IN [9.5mm]
ROUND
GLP2-500-R-54 0.500IN [12.7mm]
ROUND
GLP2-625-R-54 0.625IN [15.9mm]
ROUND
GLP2-750-R-54 0.750IN [19.0mm]
ROUND
GLP2-1000-R-54 1.000IN [25.4mm]
ROUND
GLP2-1200-R-54 1.200IN [30.5mm]
ROUND
GLP2-100-D-54 0.100IN [2.54mm]
DOME
GLP2-125-D-54
0.125IN [3.2mm]
DOME
GLP2-250-D-54
0.250IN [6.4mm]
DOME
GLP2-313-D-54
0.313IN [7.9mm]
DOME
GLP2-350-D-54
0.350IN [8.9mm]
DOME
GLP2-375-D-54
0.375IN [9.5mm]
DOME
GLP2-500-D-54 0.500IN [12.7mm]
DOME
GLP2-625-D-54 0.625IN [15.9mm]
DOME
GLP2-750-D-54 0.750IN [19.0mm]
DOME
GLP2-1200-D-54 1.200IN [30.5mm]
DOME
GLP2-7MM-D-54 0.276IN [7.0mm]
DOME


Similar Part No. - GLP2-215-R-54

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GLP2950 GTM-GLP2950 Datasheet
238Kb / 3P
100mA LOW DROPOUT VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
GLP2950 ETL-GLP2950 Datasheet
240Kb / 3P
1 0 0 m A L o w - D r o p o u t Vo l t a g e R e g u l a t o r
More results

Similar Description - GLP2-215-R-54

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
515-1040 DIALIGHT-515-1040 Datasheet
19Kb / 1P
Optical Light Pipe, 4 Array, Panel Mounted
logo
Kingbright Corporation
KL-07LS KINGBRIGHT-KL-07LS Datasheet
41Kb / 1P
LIGHT PIPE
KL-02 KINGBRIGHT-KL-02 Datasheet
36Kb / 1P
LIGHT PIPE
logo
Dialight Corporation
515-1027 DIALIGHT-515-1027 Datasheet
408Kb / 1P
1.1mm Round Optopipe짰 Optical Light Pipe, Panel Mount
C-17664 DIALIGHT-C-17664 Datasheet
61Kb / 1P
.064 STRAIGHT LIGHT PIPE W/PRESS-FIT; RoHS COMPLIANT
C-17856 DIALIGHT-C-17856 Datasheet
83Kb / 1P
2.5mm X 5mm RECTANGULAR PANEL MOUNT LIGHT PIPE
C-17858 DIALIGHT-C-17858 Datasheet
85Kb / 1P
SINGLE ELEMENT PANEL MOUNT LIGHT PIPE
logo
Visual Communications C...
LPCM VCC-LPCM Datasheet
1Mb / 1P
Low Profi le, Panel Flush Light Pipe
logo
List of Unclassifed Man...
PLP1-250-F ETC2-PLP1-250-F Datasheet
165Kb / 1P
PRESS-FIT, PANEL MOUNT, LIGHT PIPE, FLAT TOP
logo
LUMEX INC.
LPA-S011331S LUMEX-LPA-S011331S Datasheet
41Kb / 1P
LIGHT PIPE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com