Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES3F Datasheet(PDF) 2 Page - Multicomp Pro

Part # ES3F
Description  Diode Ultra Fast
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

ES3F Datasheet(HTML) 2 Page - Multicomp Pro

  ES3F Datasheet HTML 1Page - Multicomp Pro ES3F Datasheet HTML 2Page - Multicomp Pro ES3F Datasheet HTML 3Page - Multicomp Pro ES3F Datasheet HTML 4Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <2>
V1.0
08/02/13
Diode
Ultra Fast
Notes: 1. Reverse Recovery Test Conditions: If = 0.5A, Ir = 1.0A, Irr = 0.25A.
Notes: 2. Measured at 1MHz and Applied Vr = 4V.
Notes: 3. Units Mounted on PCB with 0.6ʺ × 0.6ʺ (16mm × 16mm) Copper Pad Areas.
Ratings and Characteristic Curves (ES3A, ES3F, ES3H and ES3J)
Type Number
Symbol
ES3A
ES3F
ES3H
ES3J
Units
Maximum Instantaneous Forward Voltage
at 3.0A
Vf
0.95
1.3
1.7
V
Maximum DC Reverse Current at TA = 25°C
at Rated DC Blocking Voltage at TA = 100°C
Ir
10
500
μA
μA
Maximum Reverse Recovery Time (Note 1)
Trr
35
nS
Typical Junction Capacitance ( Note 2 )
Cj
45
30
pF
Maximum Thermal Resistance (Note 3)
RθJA
RθJL
47
12
°C/W
Operating Temperature Range
Tj
-55 to +150
°C
Storage Temperature Range
Tt



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com