Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2313402 Datasheet(PDF) 1 Page - Multicomp Pro

Part # 2313402
Description  D Series Fuse Bottle Low Voltage Fuse Links
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

2313402 Datasheet(HTML) 1 Page - Multicomp Pro

  2313402 Datasheet HTML 1Page - Multicomp Pro 2313402 Datasheet HTML 2Page - Multicomp Pro 2313402 Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page <1>
V1.0
29/07/22
D Series Fuse Bottle
Low Voltage Fuse Links
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Specifications:
Rated Current
: 2 to 100A
Fusing Characteristics
: gG and TDZ
Fuse Body Material
: Ceramic, Plastic
Fuse Size Code
: DI
Series
: Class gG/gL
Body Material
: Ceramic
Length
: 50mm
D fuse-links for use by unskilled persons for domestic and similar applications are used as the most reliable protection of
electrical installation, control and signal circuits against overload and short-circuit currents.
The whole system D contains a complete range of three physical sizes DI, DII and DIII fuse-links, standard ceramic and new
plastic fuse bases and all necessary accessories. It is dimensioned for rated voltages 500V, 690V, 750V and 1200 V AC
respectively 500V or 600 V DC with AC 50 kA and DC 8 kA rated breaking capacity.
The system D is intended to be used in residential, business and similar buildings. When it is used in industrial installations,
it is necessary to take into account the requirements of the standard IEC 60664-1 concerning the insulation coordination for
equipment within low-voltage systems.
All fuse-links have blown-fuse indicators which are visible through the screw cap when mounted. Fuse-links, fusebases,
caps and fuse-disconnectors are tested and certified according to IEC 60269-3-1, DIN EN 60269-3, DIN VDE 0636-301, HD
630.3.1 and DIN EN 60269-1.
DIII
DII
DI
Rated Voltage Un
500V AC, 400V DC
Rated Current In
DI, DII: 2 - 25A, DIII: 32 - 63A
Breaking Capacity at 1,1 Un
50kA AC cos Ø = 0,2
8kA DC T = 15ms
Fusing Characteristics
gG and TDZ
Standards
DIN EN 60269-1, IEC 60269-1:2005-04 (VDE 0636 Teil 10): 1999-11
DIN EN 60269-3, IEC 60269-3:2003 (VDE 0636 Teil 30): 1995-12
DIN EN 60269-3-1, IEC 60269-3-1: 2004-07
(VDE 0636 Teil 301): 1998-01
DIN VDE 0635/02.84
Technical Data


Similar Part No. - 2313402

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2313407 PHOENIX-2313407 Datasheet
190Kb / 5P
FL FOC PN-C-FLEX-980/1000 - FO cable
More results

Similar Description - 2313402

ManufacturerPart #DatasheetDescription
logo
Littelfuse
NHFS3B LITTELFUSE-NHFS3B Datasheet
427Kb / 2P
NH Fuse Links
logo
Cooper Bussmann, Inc.
011-9127 COOPER-011-9127 Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
List of Unclassifed Man...
189000 ETC2-189000 Datasheet
334Kb / 1P
Miniature Fuse-Links
logo
Cooper Bussmann, Inc.
PV-32ANH1 COOPER-PV-32ANH1 Datasheet
256Kb / 8P
NH photovoltaic fuse links
PV-63A-01XL COOPER-PV-63A-01XL Datasheet
449Kb / 14P
XL Photovoltaic fuse links
2D16 COOPER-2D16_15 Datasheet
366Kb / 12P
D and DO fuse links and bases
C08G0-5 COOPER-C08G0-5 Datasheet
1Mb / 13P
Cylindrical fuse links
logo
List of Unclassifed Man...
PV-32ANH1 ETC1-PV-32ANH1 Datasheet
256Kb / 8P
NH photovoltaic fuse links
C08G0-5 ETC1-C08G0-5 Datasheet
1Mb / 13P
Cylindrical fuse links
logo
ABB
NHPL052760R1 ABB-NHPL052760R1 Datasheet
53Kb / 1P
Fuse link type CMF High voltage – fuse links
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com