Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L034XGD Datasheet(PDF) 1 Page - Multicomp Pro

Part # L034XGD
Description  Single Color LED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

L034XGD Datasheet(HTML) 1 Page - Multicomp Pro

  L034XGD Datasheet HTML 1Page - Multicomp Pro L034XGD Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page <1>
V1.0
30/08/24
Single Color LED
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Electrical / Optical Characterisitics at Ta = 25°C
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Luminous Intensity
IV
25
40
60
mcd
IF = 20mA
Viewing Angle
2θ1/2
50
deg
Peak Emission Wavelength
λp
570
nm
Dominant Wavelength
λD
567
570
573
nm
Spectral Line Half-Width
Δλ
30
nm
Forward Voltage
VF
1.8
2.1
2.4
V
Reverse Current
Ir
-
-
10
uA
VR=5V
▲ Luminous intensity (IV) ±10%, Forward Voltage (VF) ±0.1V, Wavelength (λd) ±0.5nm
Parameter
Symbol
Rating
Unit
Power Dissipation
Pd
85
mW
Peak Forward Current (Duty 1/10 @
1KHZ)
IF (Peak)
100
mA
Recommended Operating Current
IF (Rec)
30
mA
Electrostatic Discharge
ESDHBM
2000
V
Operating Temperature Range
TOPR
-40 to +85
°C
Storage Temperature Range
TSTG
-40 to +100
Lead Soldering Temperature Range
(1.6 mm (1/16 inch) from body)
Reflow Soldering : 260°C for 5 sec.
Hand Soldering : 350°C for 3 sec.
Absolute Maximum Ratings: ( Ta = 25°C)
Green (AIInGaP λP=570nM)
Electro Optical Characteristic curves


Similar Part No. - L034XGD

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
L034XGC MULTICOMP-L034XGC Datasheet
407Kb / 2P
Single Color LED
30/08/24 V1.0
More results

Similar Description - L034XGD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4361F ETC1-4361F Datasheet
225Kb / 1P
SINGLE COLOR LED
2202S ETC2-2202S Datasheet
201Kb / 1P
SINGLE COLOR LED
D-5306X ETC2-D-5306X Datasheet
260Kb / 1P
SINGLE COLOR LED
logo
STANLEY ELECTRIC CO.,LT...
4364K STANLEY-4364K Datasheet
171Kb / 1P
Single color led
FA5366X STANLEY-FA5366X Datasheet
263Kb / 1P
SINGLE COLOR LED
FA3864X STANLEY-FA3864X Datasheet
255Kb / 1P
SINGLE COLOR LED
DB5306X STANLEY-DB5306X Datasheet
263Kb / 1P
SINGLE COLOR LED
DB5304X STANLEY-DB5304X Datasheet
267Kb / 1P
SINGLE COLOR LED
DB3804X STANLEY-DB3804X Datasheet
255Kb / 1P
SINGLE COLOR LED
DB3803X STANLEY-DB3803X Datasheet
284Kb / 1P
SINGLE COLOR LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com