Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4042 Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4042
Description  QUAD CLOCKED D LATCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4042 Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4042 Datasheet HTML 1Page - STMicroelectronics HCF4042 Datasheet HTML 2Page - STMicroelectronics HCF4042 Datasheet HTML 3Page - STMicroelectronics HCF4042 Datasheet HTML 4Page - STMicroelectronics HCF4042 Datasheet HTML 5Page - STMicroelectronics HCF4042 Datasheet HTML 6Page - STMicroelectronics HCF4042 Datasheet HTML 7Page - STMicroelectronics HCF4042 Datasheet HTML 8Page - STMicroelectronics HCF4042 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
HCC/HCF4042B
June 1989
QUAD CLOCKED ”D” LATCH
.
CLOCK POLARITY CONTROL
.
Q AND Q OUTPUTS
.
COMMON CLOCK
.
LOW POWER TTL COMPATIBLE
.
STANDARDIZED
SYMMETRICAL
OUTPUT
CHARACTERISTICS
.
QUIESCENT CURRENT SPECIFIED TO 20V
FOR HCC DEVICE
.
5V, 10V, AND 15V PARAMETRIC RATINGS
.
INPUT CURRENT OF 100nA AT 18V AND 25
°C
FOR HCC DEVICE
.
100% TESTED FOR QUIESCENT CURRENT
.
MEETS ALL REQUIREMENTS OF JEDEC TEN-
TATIVE STANDARD N
°13A, ”STANDARD SPE-
CIFICATIONS FOR DESCRIPTION OF ”B”
SERIES CMOS DEVICES”
DESCRIPTION
The HCC4042B (extended temperature range) and
HCF4042B (intermediate temperature range) are
monolithic integrated circuit, available in 16-lead
dual in-line plastic or ceramic package and plastic
micro package.
The HCC/HCF4042B types contain four latch cir-
cuits, each strobed by a common clock. Com-
plementary buffered outputs are available from
each circuit. The impedance of the n- and p-channel
output devices is balanced and all outputs are elec-
trically identical.
Information present at the data input is transferred
to outputs Q and Q during the CLOCK level which
is programmed by the POLARITY input. For PO-
LARITY = 0 the transfer occurs during the 0 CLOCK
level and for POLARITY = 1 the transfer occurs dur-
ing the 1 CLOCK level. The outputs follow the data
input providing the CLOCK and POLARITY levels
defined above are present. When a CLOCK transi-
tion occurs (positive for POLARITY = 0 and negative
for POLARITY = 1) the information present at the
input during the CLOCK transition is retained at the
outputs until an opposite CLOCK transition occurs.
EY
(Plastic Package)
F
(Ceramic Package)
M1
(Micro Package)
C1
(Plastic Chip Carrier)
ORDER CODES :
HCC4042BF
HCF4042BM1
HCF4042BEY
HCF4042BC1
PIN CONNECTIONS
1/13


Similar Part No. - HCF4042

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4042B STMICROELECTRONICS-HCF4042B Datasheet
265Kb / 9P
QUAD CLOCKED D LATCH
Sep-2001
HCF4042BEY STMICROELECTRONICS-HCF4042BEY Datasheet
265Kb / 9P
QUAD CLOCKED D LATCH
Sep-2001
HCF4042BM1 STMICROELECTRONICS-HCF4042BM1 Datasheet
265Kb / 9P
QUAD CLOCKED D LATCH
Sep-2001
HCF4042B STMICROELECTRONICS-HCF4042B_01 Datasheet
265Kb / 9P
QUAD CLOCKED D LATCH
Sep-2001
HCF4042M013TR STMICROELECTRONICS-HCF4042M013TR Datasheet
265Kb / 9P
QUAD CLOCKED D LATCH
Sep-2001
More results

Similar Description - HCF4042

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC375 STMICROELECTRONICS-M54HC375 Datasheet
245Kb / 11P
QUAD D TYPE LATCH
Feb-1993
logo
Rohm
BU4042B ROHM-BU4042B Datasheet
53Kb / 4P
Quad D latch
logo
Intersil Corporation
CD4042BMS INTERSIL-CD4042BMS Datasheet
63Kb / 8P
CMOS Quad Clocked “D” Latch
December 1992
CD4043BMS INTERSIL-CD4043BMS Datasheet
110Kb / 10P
CMOS Quad Clocked ?쏡??Latch
December 1992
logo
National Semiconductor ...
CD4042BM NSC-CD4042BM Datasheet
124Kb / 6P
Quad Clocked D Latch
logo
Texas Instruments
CD4042B TI-CD4042B Datasheet
599Kb / 12P
CMOS Quad Clocked "D" Latch
logo
Integral Corp.
IW4042B INTEGRAL-IW4042B Datasheet
154Kb / 5P
QUAD CLOCKED LATCH
logo
Motorola, Inc
MPG1668 MOTOROLA-MPG1668 Datasheet
637Kb / 11P
Dual Clocked Latch
logo
STMicroelectronics
HCF4042B STMICROELECTRONICS-HCF4042B_01 Datasheet
265Kb / 9P
QUAD CLOCKED D LATCH
Sep-2001
logo
Texas Instruments
CD4042B TI1-CD4042B_15 Datasheet
1Mb / 30P
CMOS Quad Clocked D Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com