Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB1502 Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

Part # DB1502
Description  15 AMP SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

DB1502 Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  DB1502 Datasheet HTML 1Page - DIOTEC Electronics Corporation DB1502 Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Data Sheet No. BRDB-1500-1C
MECHANICAL SPECIFICATION
Tel.: (310) 767-1052
Fax: (310) 767-7958
DIOTEC ELECTRONICS CORP.
Gardena, CA 90248
U.S.A
18020 Hobart Blvd., Unit B
E35
15 AMP SILICON BRIDGE RECTIFIERS
MAXIMUM RATINGS & ELECTRICAL CHARACTERISTICS
PARAMETER (TEST CONDITIONS)
Maximum DC Blocking Voltage
Maximum Peak Recurrent Reverse Voltage
Working Peak Reverse Voltage
Series Number
V
V
V
V
SYMBOL
UNITS
VOLTS
RMS Reverse Voltage
RATINGS
INCHES
MILLIMETERS
MIN
11.0
17.5
15.7
28.4
SYM
BL
BH
D1
D2
MAX
MAX
11.2
16.7
18.5
28.7
0.69
MIN
1.12
0.43
0.62
1.13
0.44
0.66
0.73
D3
0.53
13.5
14.5
0.57
LT
0.56
14.2
n/a
n/a
INCHES
MILLIMETERS
MIN
11.0
10.9
17.5
28.4
SYM
BL
BH
D1
LL
D2
MAX
MAX
11.2
18.5
11.9
28.7
0.43
MIN
1.12
0.43
0.69
1.13
0.44
0.73
0.47
LD
1.0
1.1
0.039
0.042
0.81
20.6
n/a
n/a
BH
LT
LD
LL
BH
SERIES: DB1500 - DB1510 and ADB1504 - ADB1508
HOLE FOR
#8 SCREW
D3
D1
D1
D2
BL
BL
_
+
D1
D2
BL
D1
BL
+
_
+
_
UL RECOGNIZED - FILE #E124962
ADBD-1500-1C
BUILT-IN STRESS RELIEF MECHANISM FOR
SUPERIOR RELIABILITY AND PERFORMANCE
ELECTRICALLY ISOLATED METAL CASE FOR
MAXIMUM HEAT DISSIPATION
VOID FREE VACUUM DIE SOLDERING FOR MAXIMUM
MECHANICAL STRENGTH AND HEAT DISSIPATION
(Solder Voids: Typical < 2%, Max. < 10% of Die Area)
Case: Metal (Potting epoxy carries U/L flammability Rating 94V-0)
Terminals: Round silver plated copper pins or fast-on terminals
Soldering: Per MIL-STD 202 Method 208 guaranteed
Polarity: Marked on side of case
Mounting Position: Any. Through hole for #8 screw.
Weight: Fast-on Terminals - 1.1 Ounces (31.6 Grams)
Max. mounting torque = 20 in-lb.
Wire Leads - 0.95 Ounce (28.5 Grams)
RoHS COMPLIANT
MECHANICAL DATA
I
Average Forward Rectified Current @ T = 75 C.
Peak Forward Surge Current.
T = 125 C.
Single 60Hz Half-Sine Wave
Superimposed on Rated Load (JEDEC Method).
AMPS
I
T
T
°C
Junction Temperature Range
Storage Temperature Range
R
V
Maximum Forward Voltage (Per Diode) at 7.5 Amps DC
VOLTS
VDC
Mimimum Avalanche Voltage
Maximum Avalanche Voltage
V
V
Maximum Reverse Current at Rated V
@ T = 25 C
@T = 125 C
I
Minimum Insulation Breakdown Voltage (Circuit to Case)
V
Typical Thermal Resistance, Junction to Case
A
C/W


Similar Part No. - DB1502

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
DB1502 SECOS-DB1502 Datasheet
729Kb / 2P
1.5 Amp Surface Mount Bridge Rectifiers
DB1502 SECOS-DB1502 Datasheet
183Kb / 2P
Surface Mount Bridge Rectifiers
logo
DIOTEC Electronics Corp...
DB1502P DEC-DB1502P Datasheet
476Kb / 2P
15 AMP SILICON BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
DB1502S SECOS-DB1502S Datasheet
111Kb / 2P
1.5 Amp Surface Mount Bridge Rectifiers
DB1502S SECOS-DB1502S Datasheet
155Kb / 2P
1.5 Amp Surface Mount Bridge Rectifiers
More results

Similar Description - DB1502

ManufacturerPart #DatasheetDescription
logo
Formosa MS
MB1505 FORMOSA-MB1505 Datasheet
41Kb / 2P
SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
logo
DIOTEC Electronics Corp...
DB1500P DEC-DB1500P Datasheet
476Kb / 2P
15 AMP SILICON BRIDGE RECTIFIERS
DT15C00 DEC-DT15C00 Datasheet
314Kb / 1P
15 AMP SILICON BRIDGE RECTIFIERS
logo
List of Unclassifed Man...
GBU1501 ETC2-GBU1501 Datasheet
63Kb / 2P
SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
BR10005 SECOS-BR10005 Datasheet
193Kb / 2P
AMP Silicon Bridge Rectifiers
logo
DIOTEC Electronics Corp...
BRDB-1500P-1C DEC-BRDB-1500P-1C Datasheet
138Kb / 2P
15 AMP SILICON BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
MB1505W GWSEMI-MB1505W Datasheet
66Kb / 2P
SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
MP1505 GWSEMI-MP1505 Datasheet
73Kb / 2P
SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
MP1505W GWSEMI-MP1505W Datasheet
67Kb / 2P
SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
logo
DIOTEC Electronics Corp...
15DBP DEC-15DBP Datasheet
138Kb / 2P
15 AMP SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com