Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR820 Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

Part # DR820
Description  35 AMP LEAD MOUNT FAST RECOVERY BUTTON DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

DR820 Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  DR820 Datasheet HTML 1Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
MECHANICAL SPECIFICATION
Case: M
Finish: All external surfaces are corrosion resistant
and the contact areas are readily solderable
Maximum Lead Soldering Temperature: 210 C, 3/8"
case for 10 seconds at 5 lbs tension
Mounting Position: Any
Polarity: Color band or diode symbol on case
Weight: 0.09 Ounces (2.5 Grams)
o
olded Epoxy (UL Flammability Rating 94V-O)
MECHANICAL DATA
MAXIMUMRATINGS&ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified.
DataSheetNo.DR820-1A
35 AMP LEADMOUNTFASTRECOVERY BUTTONDIODES
Tel.: (310) 767-1052 Fax: (310) 767-7958
DIOTECELECTRONICSCORP
Gardena, CA 90248 U.S.A
18020 Hobart Blvd., Unit B
DieSize:
0.180"x0.180"
Square
PROPRIETARY JUNCTIONPASSIVATIONFOR
SUPERIORRELIABILITY ANDPERFORMANCE
SUGGESTEDREPLACEMENTFORMR820,MR821
MR822,MR824,MR826DIODES
Compact molded design
High surge current, 600 A @ T = 175 C
Low cost
Peak performance at elevated temperatures: 35 A
J
o
@ T = 175 C
J
o
VOIDFREEVACUUMDIESOLDERINGFORMAXIMUM
MECHANICAL STRENGTH ANDHEATDISSIPATION
(SolderVoids:Typical<2%,Max.<10%ofDie Area)
M
F
A
B
L
L
D
E
INCHES
MILLIMETERS
MIN
DIM
A
B
D
MAX
MAX
MIN
0.332
0.234
0.050
0.342
0.246
0.053
E
0.215
0.225
F
0.165
0.175
L
0.990
1.010
M
5°NOM
5°NOM
RoHSCO
MPLIANT
Non-repetitive Peak Reverse Voltage (Half wave, single phase,
60 Hz peak)
Average Forward Rectified Current @ T =150 C
C
o
IO
35
Peak Forward Surge Current (8.3mS single half sine wave
superimposed on rated load)
IFSM
500
VRSM
60
120
240
480
720
PARAMETER (TEST CONDITIONS)
Maximum DC Blocking Voltage
Maximum Peak Recurrent Reverse Voltage
Maximum RMS Voltage
Series Number
VRWM
VDC
VRRM
SYMBOL
RATINGS
,4&  ,4&  ,4&
,4& " ,4& $
50
100
200
400
600
Maximum Forward Voltage Drop at 35 Amp DC, 3/8" Leads
VFM
1.1 (Typical 1.05)
Maximum Thermal Resistance, Junction to Case (Note 1)
Maximum Average DC Reverse Current
At Rated DC Blocking Voltage
IRM
RGJC
@ T = 25 C
A
o
@ T = 100 C
A
o
1
50
0.9
Junction Operating and Storage Temperature Range
TJ ,TSTG
AMPS
UNITS
VOLTS
VOLTS
°C/W
mA
°C
-65 to +175
Notes: 1) Both Leads to Heatsink, Equal Length
Average Forward Rectified Current
PARAMETER (TEST CONDITIONS)
Maximum DC Blocking Voltage
Maximum Peak Recurrent Reverse Voltage
Maximum RMS Voltage
Series Number
IO
VRMS
VRRM
VRM
SYMBOL
Peak Forward Surge Current (8.3mS single half sine wave
superimposed on rated load)
Maximum Forward Voltage at 35 Amps DC
VFM
IFSM
600
1.2 (Typical 1.1)
Typical Thermal Resistance, Junction to Case (Note 1)
Maximum Average DC Reverse Current
At Rated DC Blocking Voltage
IRM
RGJC
@ T = 25 C
C
o
@ T = 100 C
C
o
2.0
100
0.8
Maximum Reverse Recovery Time
(I = 1.0 Amp to V = 30 Vdc)
F
R
(I = 15 Amp, di/dt = 25 A/ s)
FM
m
TRR
200 (Typ. 150)
300 (Typ. 150)
UNITS
VOLTS
VOLTS
AMPS
°C/W
mA
nSec
RATINGS
3501S
SRP
50
100
200
400
600
50
100
200
400
600
35
70
140
280
420
DR
DR
DR
DR
DR
820
821
822
824
826
35
WideRangeof Applications-Inverters,Converters
Choppers,PowerSupplies,etc.
VOIDFREEVacuumDieSolderingForMaximum
MechanicalStrength AndHeatDissipation
(SolderVoids:Typical<2%,Max.<10%ofDie Area)
TRUESOFTRECOVERY CHARACTERISTICWITH
NORINGING,SPIKES,orOVERSHOOT
HIGHFREQUENCY:250kHz
FASTRECOVERY:Typical100nS-150nS
UNMATCHEDPERFORMANCE-MinimalRFI/EMI,
ReducedPowerLosses,ExtremelyCoolOperation
IncreasedPowerSupplyEfficiency
ProprietaryJunctionPassivationForSuperior
ReliabilityandPerformance
Junction Operating and Storage Temperature Range
TJ,TSTG
-65 to +175
°C
Notes: 1) Both Leads to Heatsink, Equal Length
LookingFor:MR820,MR821,MR822,
MR824,MR826Replacements?


Similar Part No. - DR820

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DR8-NJS DOMINANT-DR8-NJS Datasheet
1Mb / 14P
DomiLED
DR8-NJS-R-1 DOMINANT-DR8-NJS-R-1 Datasheet
1Mb / 14P
DomiLED
logo
Electronic devices inc.
DR800 EDI-DR800 Datasheet
45Kb / 2P
FAST RECOVERY HIGH VOLTAGE 25mA MINIATURE SILICON RECTIFIERS
logo
Murata Manufacturing Co...
DR8000 MURATA-DR8000 Datasheet
412Kb / 7P
916.50 MHz Transceiver Module
DR8000-DK MURATA-DR8000-DK Datasheet
43Kb / 1P
916.5MHz Development kit
More results

Similar Description - DR820

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
BAR3500 DEC-BAR3500 Datasheet
246Kb / 1P
35 AMP BUTTON DIODES
BAR3500S DEC-BAR3500S Datasheet
248Kb / 1P
35 AMP BUTTON DIODES
DR750 DEC-DR750 Datasheet
82Kb / 1P
25 AMP LEAD MOUNT BUTTON DIODES
BUDI-3500-1B DEC-BUDI-3500-1B Datasheet
68Kb / 1P
35 AMP BUTTON DIODES
BUDI-3500S-1A DEC-BUDI-3500S-1A Datasheet
64Kb / 1P
35 AMP BUTTON DIODES
SRPD-3500S-1A DEC-SRPD-3500S-1A Datasheet
53Kb / 1P
35 AMP SOFT RECOVERY FAST SWITCHING BUTTON DIODES
SRPL-3500S-1A DEC-SRPL-3500S-1A Datasheet
85Kb / 1P
35 AMP SOFT RECOVERY FAST SWITCHING LEAD MOUNT BUTTON DIODES
SRPL-7500S-1A DEC-SRPL-7500S-1A Datasheet
78Kb / 1P
75 AMP SOFT RECOVERY FAST SWITCHING LEAD MOUNT BUTTON DIODES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com