Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB3502 Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

Part # DB3502
Description  35 AMP SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

DB3502 Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  DB3502 Datasheet HTML 1Page - DIOTEC Electronics Corporation DB3502 Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Data Sheet No. BRDB-3500-1C
MECHANICAL SPECIFICATION
Tel.: (310) 767-1052
Fax: (310) 767-7958
DIOTEC ELECTRONICS CORP.
Gardena, CA 90248
U.S.A
18020 Hobart Blvd., Unit B
35 AMP SILICON BRIDGE RECTIFIERS
MAXIMUM RATINGS & ELECTRICAL CHARACTERISTICS
PARAMETER (TEST CONDITIONS)
SYMBOL
UNITS
INCHES
MILLIMETERS
MIN
11.0
17.5
15.7
28.4
SYM
BL
BH
D1
D2
MAX
MAX
11.2
16.7
18.5
28.7
0.69
MIN
1.12
0.43
0.62
1.13
0.44
0.66
0.73
D3
0.53
13.5
14.5
0.57
LT
0.56
14.2
n/a
n/a
INCHES
MILLIMETERS
MIN
11.0
10.9
17.5
28.4
SYM
BL
BH
D1
LL
D2
MAX
MAX
11.2
18.5
11.9
28.7
0.43
MIN
1.12
0.43
0.69
1.13
0.44
0.73
0.47
LD
1.0
1.1
0.039
0.042
0.81
20.6
n/a
n/a
SERIES: DB3500 - DB3510 and ADB3504 - ADB3508
UL RECOGNIZED - FILE #E124962
ADBD-3500-1C
BUILT-IN STRESS RELIEF MECHANISM FOR
SUPERIOR RELIABILITY AND PERFORMANCE
ELECTRICALLY ISOLATED METAL CASE FOR
MAXIMUM HEAT DISSIPATION
VOID FREE VACUUM DIE SOLDERING FOR MAXIMUM
MECHANICAL STRENGTH AND HEAT DISSIPATION
(Solder Voids: Typical < 2%, Max. < 10% of Die Area)
E43
q
m
RoHS COMPLIANT
MECHANICAL DATA


Similar Part No. - DB3502

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
DB3502P DEC-DB3502P Datasheet
475Kb / 2P
35 AMP SILICON BRIDGE RECTIFIERS
DB3502P DEC-DB3502P Datasheet
139Kb / 2P
35 AMP SILICON BRIDGE RECTIFIERS
DB3502P-S DEC-DB3502P-S Datasheet
335Kb / 1P
35 AMP HIGH FREQUENCY SOFT RECOVERY BRIDGE RECTIFIERS
More results

Similar Description - DB3502

ManufacturerPart #DatasheetDescription
logo
Bytes
MB3505W BYTES-MB3505W Datasheet
151Kb / 2P
SINGLE PHASE 35 AMP BRIDGE RECTIFIERS
logo
Formosa MS
MB3505W FORMOSA-MB3505W Datasheet
34Kb / 2P
SINGLE PHASE 35 AMP BRIDGE RECTIFIERS
logo
Fuji Electric
KBPC35005 FUJI-KBPC35005 Datasheet
718Kb / 1P
35 AMP SILICON BRIDGE RECTIFIER
MP35005 FUJI-MP35005 Datasheet
687Kb / 1P
35 AMP SILICON BRIDGE RECTIFIER
logo
DIOTEC Electronics Corp...
DB3501P DEC-DB3501P Datasheet
475Kb / 2P
35 AMP SILICON BRIDGE RECTIFIERS
DB3500P DEC-DB3500P_1 Datasheet
139Kb / 2P
35 AMP SILICON BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
MB3505 GWSEMI-MB3505 Datasheet
74Kb / 2P
SINGLE PHASE 35 AMP BRIDGE RECTIFIERS
MB3505W GWSEMI-MB3505W Datasheet
67Kb / 2P
SINGLE PHASE 35 AMP BRIDGE RECTIFIERS
logo
DIOTEC Electronics Corp...
35DBP DEC-35DBP Datasheet
138Kb / 2P
35 AMP SILICON BRIDGE RECTIFIERS
logo
Nanjing International G...
KBPC35005W DGNJDZ-KBPC35005W Datasheet
118Kb / 2P
SINGLE PHASE 35 AMP BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com