Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDB2501P Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

Part # FDB2501P
Description  25 AMP FAST RECOVERY BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

FDB2501P Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  FDB2501P Datasheet HTML 1Page - DIOTEC Electronics Corporation FDB2501P Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Data Sheet No. FRDB-2500P-1B
MECHANICAL SPECIFICATION
25 AMP FAST RECOVERY BRIDGE RECTIFIERS
PRV Ratings from 50 to 1000 Volts
Surge overload rating to 500 Amps peak
Reliable low cost molded plastic construction
Ideal for printed circuit board applications
Fast switching for high efficiency
MAXIMUM RATINGS & ELECTRICAL CHARACTERISTICS
Average Forward Rectified Current @ T = 75 C
PARAMETER (TEST CONDITIONS)
Maximum DC Blocking Voltage
Maximum Peak Recurrent Reverse Voltage
Maximum RMS Voltage
Series Number
I
V
V
V
SYMBOL
FDB
FDB
RATINGS
UNITS
VOLTS
FDB
FDB
FDB
FDB
FDB
50
100
200
400
1000
35
70
140
280
700
25
Peak Forward Surge Current (8.3mS single half sine wave
superimposed on rated load) T = 125 C
Maximum Forward Voltage (Per Bridge Element) at 12.5 Amps DC
VOLTS
AMPS
V
I
500
1.3
Maximum Average DC Reverse Current at Rated
DC Blocking Voltage (Per bridge Element-Note 2)
I
mA
@ T = 25 C
@ T = 100 C
10
1
T
G13
600
800
50
100
200
400
1000
600
800
420
560
2500P 2501P 2502P 2504P 2506P 2508P 2510P
Maximum Reverse Recovery Time (Note 1)
200
300
500
nS
mA
SERIES FDB2500P - FDB2510P
Suffix "T" indicates FAST-ON TERMINALS
Suffix "W" indicates WIRE LEADS
INCHES
MILLIMETERS
MIN
9.6
17.5
15.7
28.4
SYM
BL
BH
D1
D2
MAX
MAX
9.8
16.7
18.5
28.7
0.69
MIN
1.12
0.38
0.62
1.13
0.39
0.66
0.73
D3
0.53
13.5
14.5
0.57
LT
0.6
15.2
n/a
n/a
INCHES
MILLIMETERS
MIN
9.6
10.9
17.5
28.4
SYM
BL
BH
D1
LL
D2
MAX
MAX
9.8
18.5
11.9
28.7
0.43
MIN
1.12
0.38
0.69
1.13
0.39
0.73
0.47
LD
1.0
1.1
0.039
0.042
0.81
20.6
n/a
n/a
D3
D1
D1
BL
HOLE FOR
#8 SCREW
D2
BL
HOLE FOR
#8 SCREW
D1
D2
BL
D1
BL
+
_
UL RECOGNIZED - FILE #E124962
Tel.: (310) 767-1052
Fax: (310) 767-7958
DIOTEC ELECTRONICS CORP.
Gardena, CA 90248
U.S.A
18020 Hobart Blvd., Unit B
MECHANICAL DATA
Max. mounting torque = 20 in-lb.
Case:
Terminals: Round silver plated copper pins or fast-on terminals
Soldering: Per MIL-STD 202 Method 208 guaranteed
Polarity: Marked on side of case
Mounting Position: Any. Through hole for #8 screw.
Weight: Fast-on Terminals - 0.7 Ounces (20.0 Grams)
Case: Molded epoxy with integral heat sink
Epoxy carries a U/L Flammability rating of 94V-0
Wire Leads - 0.55 Ounces (16.0 Grams)
RoHS COMPLIANT
R
°C/W
1.2
Typical Thermal Resistance, Junction to Case (Note 2)
Junction Temperature Range
T
°C
-55 to +135
Storage Temperature Range
T
-55 to +135
LD
LL
BH
BH
LT


Similar Part No. - FDB2501P

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
FDB2501 DEC-FDB2501 Datasheet
459Kb / 2P
25 AMP FAST RECOVERY BRIDGE RECTIFIERS
More results

Similar Description - FDB2501P

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
RKBPC25005 FUJI-RKBPC25005 Datasheet
737Kb / 1P
25 AMP FAST RECOVERY BRIDGE RECTIFIER
logo
DIOTEC Electronics Corp...
FDB300 DEC-FDB300 Datasheet
256Kb / 1P
3 AMP FAST RECOVERY BRIDGE RECTIFIERS
FDI100 DEC-FDI100 Datasheet
259Kb / 1P
1 AMP FAST RECOVERY BRIDGE RECTIFIERS
FSB200 DEC-FSB200 Datasheet
233Kb / 1P
2 AMP FAST RECOVERY BRIDGE RECTIFIERS
FDB2500 DEC-FDB2500 Datasheet
459Kb / 2P
25 AMP FAST RECOVERY BRIDGE RECTIFIERS
FDB3500P DEC-FDB3500P Datasheet
451Kb / 2P
35 AMP FAST RECOVERY BRIDGE RECTIFIERS
BFSB-200-1B DEC-BFSB-200-1B Datasheet
235Kb / 1P
2 AMP FAST RECOVERY BRIDGE RECTIFIERS
FRDB-2500P-1B DEC-FRDB-2500P-1B Datasheet
462Kb / 2P
25 AMP FAST RECOVERY BRIDGE RECTIFIERS
1-5FWB DEC-1-5FWB Datasheet
76Kb / 2P
1.5 AMP FAST RECOVERY BRIDGE RECTIFIERS
25FDBP DEC-25FDBP Datasheet
462Kb / 2P
25 AMP FAST RECOVERY BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com