Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPR11 Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

Part # SPR11
Description  1 AMP SUPER-EFFICIENT RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

SPR11 Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  SPR11 Datasheet HTML 1Page - DIOTEC Electronics Corporation SPR11 Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MECHANICAL DATA
FEATURES
Data Sheet No. SESA-100-1B
MECHANICAL SPECIFICATION
1 AMP SUPER-EFFICIENT RECTIFIERS
C1
Sym
In
mm
Minimum
Maximum
BL
BD
LL
LD
1.00
0.028
In
mm
0.107
0.205
0.034
5.2
2.7
0.86
0.160
0.103
25.4
0.71
4.1
2.6
Color Band
Denotes
Cathode
LD (Dia)
BD (Dia)
LL
BL
LL
MAXIMUM RATINGS & ELECTRICAL CHARACTERISTICS
PARAMETER (TEST CONDITIONS)
SYMBOL
RATINGS
UNITS
SERIES SPR11 - SPR14
DO - 41
Tel.: (310) 767-1052
Fax: (310) 767-7958
DIOTEC ELECTRONICS CORP
Gardena, CA 90248
U.S.A
18020 Hobart Blvd., Unit B
LOW SWITCHING NOISE
LOW THERMAL RESISTANCE
HIGH SWITCHING CAPABILITY
LOW FORWARD VOLTAGE DROP
R
PROPRIETARY
JUNCTION
PASSIVATION FOR SUPERIOR RELIABILITY AND
PERFORMANCE
SOFT GLASS
VOID FREE VACUUM DIE SOLDERING FOR MAXIMUM
MECHANICAL STRENGTH AND HEAT DISSIPATION
(Solder Voids: Typical < 2%, Max. < 10% of Die Area)


Similar Part No. - SPR11

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPR11 ETC1-SPR11 Datasheet
165Kb / 2P
1 AMP SUPER-EFFICIENT RECTIFIERS
More results

Similar Description - SPR11

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VHE1403 ETC-VHE1403 Datasheet
64Kb / 2P
12 AMP SUPER EFFICIENT RECTIFIERS
SPR12 ETC1-SPR12 Datasheet
165Kb / 2P
1 AMP SUPER-EFFICIENT RECTIFIERS
logo
DIOTEC Electronics Corp...
SPR51 DEC-SPR51 Datasheet
520Kb / 2P
5 AMP SUPER-EFFICIENT RECTIFIERS
SPR81 DEC-SPR81 Datasheet
444Kb / 2P
8 AMP SUPER-EFFICIENT RECTIFIERS
SPR161C DEC-SPR161C Datasheet
435Kb / 2P
16 AMP SUPER-EFFICIENT RECTIFIERS
SPR1001C DEC-SPR1001C Datasheet
433Kb / 2P
10 AMP SUPER-EFFICIENT RECTIFIERS
SPR1601C DEC-SPR1601C Datasheet
434Kb / 2P
16 AMP SUPER-EFFICIENT RECTIFIERS
8SPR01 DEC-8SPR01 Datasheet
447Kb / 2P
8 AMP SUPER-EFFICIENT RECTIFIERS
12SPR01 DEC-12SPR01 Datasheet
448Kb / 2P
12 AMP SUPER-EFFICIENT RECTIFIERS
SEDR-160C-1B DEC-SEDR-160C-1B Datasheet
438Kb / 2P
16 AMP SUPER-EFFICIENT RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com