Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPR603C Datasheet(PDF) 2 Page - DIOTEC Electronics Corporation

Part # SPR603C
Description  6 AMP SUPER-EFFICIENT RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

SPR603C Datasheet(HTML) 2 Page - DIOTEC Electronics Corporation

  SPR603C Datasheet HTML 1Page - DIOTEC Electronics Corporation SPR603C Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING&CHARACTERISTICCURVESFORSERIESSPR601C-SPR605C
DataSheetNo.SEDR-600-2B
FIGURE 4. TYPICAL REVERSE CHARACTERISTICS
FIGURE 3. TYPICAL FORWARD CHARACTERISTICS
Instantaneous Forward Voltage (Volts)
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
10
1.0
100
0.1
Percent of Rated Peak Reverse Voltage
6 AMP SUPEREFFICIENTRECTIFIERS
4.97bsedr6
100
120
140
NOTES
(1) JEDEC Method, 8.3 mSec. Single Half Sine Wave
(2) T = 25 C, Pulse Width = 300 Sec, 2.0% Duty Cycle
(3) T = 25 C
J
C
o
o
m
D2
T = 100 C
C
o
T = 25 C
C
o
20
40
0
60
80
NOTE2
FIGURE 5. TYPICAL JUNCTION CAPACITANCE
Reverse Voltage, (Volts)
1
10
100
60
50
40
30
70
80
0.1
FIGURE 1. FORWARD CURRENT DERATING CURVE
Case Temperature, C
o
Resistive and Inductive Loads
FIGURE 2. MAXIMUM NON-REPETITIVE SURGE CURRENT
Number of Cycles at 60 Hz
1
10
100
75
60
45
30
15
0
NOTE 1
SPR603C-605C
SPR601C-602C
NOTE3
Tel.:(310)767-1052Fax:(310)767-7958
DIOTECELECTRONICSCORP.
Gardena,CA 90248U.S.A
18020HobartBlvd.,UnitB



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com