Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP232P Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # TOP232P
Description  Design Flexible, EcoSmart, Integrated Off-Line Switcher
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP232P Datasheet(HTML) 1 Page - Power Integrations, Inc.

  TOP232P Datasheet HTML 1Page - Power Integrations, Inc. TOP232P Datasheet HTML 2Page - Power Integrations, Inc. TOP232P Datasheet HTML 3Page - Power Integrations, Inc. TOP232P Datasheet HTML 4Page - Power Integrations, Inc. TOP232P Datasheet HTML 5Page - Power Integrations, Inc. TOP232P Datasheet HTML 6Page - Power Integrations, Inc. TOP232P Datasheet HTML 7Page - Power Integrations, Inc. TOP232P Datasheet HTML 8Page - Power Integrations, Inc. TOP232P Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Figure 1. Typical Flyback Application.
Product3
Adapter1
Open
Frame2
Open
Frame2
OUTPUT POWER TABLE
Table 1.
Notes:
1. Typical continuous power in a non-ventilated enclosed adapter measured at
50 ˚C ambient.
2. Maximum practical continuous power in an open frame design with adequate
heat sinking, measured at 50 ˚C ambient. See key applications section for
detailed conditions.
3. Packages: P: DIP-8B, G: SMD-8B, Y: TO-220-7B.
PI-2503-062515
AC
IN
DC
OUT
D
S
C
TOPSwitch-FX
M
+
-
F
CONTROL
Product Highlights
Lower System Cost, High Design Flexibility
Features eliminate or reduce cost of external components
Fully integrated soft-start for minimum stress/overshoot
Externally settable accurate current limit
Wider duty cycle for more power, smaller input capacitor
Line under-voltage (UV) detection: no turn off glitches
Line overvoltage (OV) shutdown extends line surge limit
Line feed-forward with maximum duty cycle (DC
MAX)
reduction rejects ripple and limits DC
MAX at high line
Single resistor sets OV/UV thresholds, DC
MAX reduction
Frequency jittering reduces EMI and EMI filtering costs
Regulates to zero load without dummy loading
132 kHz frequency reduces transformer/power supply size
Half frequency option for video applications
Hysteretic thermal shutdown for automatic recovery
Large thermal hysteresis prevents PC board overheating
Standard packages with omitted pins for large creepage
Active-on and active-off remote ON/OFF capability
Synchronizable to a lower frequency
EcoSmart™– Energy Efficient
Cycle skipping reduces no-load consumption
Reduced consumption in remote off mode
Half frequency option for high efficiency standby
Allows shutdown/wake-up via LAN/input port
Description
TOPSwitch™-FX uses the proven TOPSwitch topology and
cost effectively integrates many new functions that reduce
system cost and, at the same time, improve design flexibility,
performance and energy efficiency. Like TOPSwitch, the
high-voltage power MOSFET, PWM control, fault protection
and other control circuitry are all integrated onto a single
CMOS chip, but with two added terminals. The first one is a
MULTI-FUNCTION (M) pin, which implements programmable
line OV/UV shutdown and line feed-forward/DC
MAX reduction
with line voltage. The same pin can be used instead to
externally set an accurate current limit. In either case, this pin
can also be used for remote ON/OFF or to synchronize the
oscillator to an external, lower frequency signal. The second
added terminal is the FREQUENCY (F) pin and is available only
in the Y package. This pin provides the half frequency option
when connected to CONTROL (C) instead of SOURCE (S).
The features on the new pins can be disabled by shorting
them to the SOURCE, which allows the device to operate in a
three terminal TOPSwitch mode, but with the following new
transparent features: soft-start, cycle skipping, 132 kHz
switching frequency, frequency jittering, wider DC
MAX,
hysteretic thermal shutdown and larger creepage. In addition,
all critical parameters such as frequency, current limit, PWM
gain, etc. have tighter temperature and absolute tolerances
compared to the TOPSwitch-II family. Higher current limit
accuracy and larger DC
MAX, when combined with other
features allow for a 10% to 15% higher power capability on the
TOPSwitch-FX devices compared to equivalent TOPSwitch-II
devices for the same input/output conditions.
TOP232P
TOP232G
TOP232Y
TOP233P
TOP233G
TOP233Y
TOP234P
TOP234G
TOP234Y
230 VAC ±15%
Adapter1
85-265 VAC
9 W
15 W
6.5 W
10 W
10 W
25 W
7 W
15 W
13 W
25 W
9 W
15 W
20 W
50 W
15 W
30 W
16 W
30 W
11 W
20 W
30 W
75 W
20 W
45 W
TOP232-234
TOPSwitch-FX Family
www.power.com
June 2015
Design Flexible, EcoSmart, Integrated
Off-Line Switcher
This Product is Covered by Patents and/or Pending Patent Applications.
This product is not recommended for new designs.


Similar Part No. - TOP232P

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TOP232P POWERINT-TOP232P Datasheet
650Kb / 36P
Family Design Flexible,EcoSmart, Intergrated OFff-line Switcher
TOP232P POWERINT-TOP232P Datasheet
644Kb / 36P
Design Flexible, EcoSmart, Integrated Off-line Switcher
TOP232P POWERINT-TOP232P Datasheet
644Kb / 36P
Design Flexible, EcoSmart, Integrated Off-line Switcher
TOP232P POWERINT-TOP232P Datasheet
644Kb / 36P
Design Flexible, EcoSmart® , Integrated Off-line Switcher
July 2001
TOP232P POWERINT-TOP232P Datasheet
3Mb / 38P
Design Flexible, EcoSmart, Integrated Off-Line Switcher
October 2020
More results

Similar Description - TOP232P

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TOP250 POWERINT-TOP250 Datasheet
449Kb / 52P
TOPSwitch -GX Family Extended Power, Design Flexible, EcoSmart, Integrated Off-line Switcher
TOP242-250 POWERINT-TOP242-250 Datasheet
2Mb / 52P
TOPSwitch-GX Family Extended Power, Design Flexible, EcoSmart, Integrated Off-line Switcher
TOP233PN POWERINT-TOP233PN Datasheet
644Kb / 36P
Design Flexible, EcoSmart짰, Integrated Off-line Switcher
TOP232PN POWERINT-TOP232PN Datasheet
644Kb / 36P
Design Flexible, EcoSmart, Integrated Off-line Switcher
TOP234PN POWERINT-TOP234PN Datasheet
644Kb / 36P
Design Flexible, EcoSmart, Integrated Off-line Switcher
TOP234G-TL POWERINT-TOP234G-TL Datasheet
644Kb / 36P
Design Flexible, EcoSmart® , Integrated Off-line Switcher
July 2001
logo
Guangdong Kexin Industr...
TOP250 KEXIN-TOP250 Datasheet
298Kb / 6P
TOPSwitch -GX Family Extended Power, Design Flexible, EcoSmart,Integrated Off-line Switcher
logo
Power Integrations, Inc...
TOP242 POWERINT-TOP242 Datasheet
2Mb / 52P
Extended Power, Design Flexible EcoSmart, Integrated Off-line Switcher
TOP232 POWERINT-TOP232 Datasheet
3Mb / 38P
Design Flexible, EcoSmart, Integrated Off-Line Switcher
October 2020
TOP242 POWERINT-TOP242_V01 Datasheet
3Mb / 54P
Extended Power, Design Flexible, EcoSmart, Integrated Off-Line Switcher
October 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com