Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP232G Datasheet(PDF) 14 Page - Power Integrations, Inc.

Part # TOP232G
Description  Design Flexible, EcoSmart, Integrated Off-Line Switcher
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP232G Datasheet(HTML) 14 Page - Power Integrations, Inc.

Back Button TOP232G Datasheet HTML 10Page - Power Integrations, Inc. TOP232G Datasheet HTML 11Page - Power Integrations, Inc. TOP232G Datasheet HTML 12Page - Power Integrations, Inc. TOP232G Datasheet HTML 13Page - Power Integrations, Inc. TOP232G Datasheet HTML 14Page - Power Integrations, Inc. TOP232G Datasheet HTML 15Page - Power Integrations, Inc. TOP232G Datasheet HTML 16Page - Power Integrations, Inc. TOP232G Datasheet HTML 17Page - Power Integrations, Inc. TOP232G Datasheet HTML 18Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
Rev. C 06/15
14
TOP232-234
www.power.com
Figure 24. 30 W Power Supply using External Current Limit.
Application Examples
A High Efficiency, 30 W, Universal Input Power Supply
The circuit shown in Figure 24 takes advantage of several of
the TOPSwitch-FX features to reduce system cost and power
supply size and to improve efficiency. This design delivers 30 W
at 12 V, from an 85 to 265 VAC input, at an ambient of 50 ˚C,
in an open frame configuration. A nominal efficiency of 80% at
full load is achieved using TOP234.
The current limit is externally set by resistors R1 and R2 to a
value just above the low line operating peak current of
approximately 70% of the default current limit. This allows use
of a smaller transformer core size and/or higher transformer
primary inductance for a given output power, reducing
TOPSwitch-FX power dissipation, while at the same time
avoiding transformer core saturation during startup and output
transient conditions. The resistor R1 provides a feed-forward
signal that reduces the current limit with increasing line
voltage, which, in turn, limits the maximum overload power at
high input line voltage. The feed-forward function in
combination with the built-in soft-start feature of TOPSwitch-
FX, allows the use of a low cost RCD clamp (R3, C3 and D1)
with a higher reflected voltage, by safely limiting the
TOPSwitch-FX drain voltage, with adequate margin, under
worst case conditions. The extended maximum duty cycle
feature of TOPSwitch-FX (guaranteed minimum value of 75%
vs. 64% for TOPSwitch-II) allows the use of a smaller input
capacitor (C1). The extended maximum duty cycle and the
higher reflected voltage possible with the RCD clamp also
permit the use of a higher primary to secondary turns ratio for
T1 which reduces the peak reverse voltage experienced by the
secondary rectifier D8. As a result, a 60 V Schottky rectifier
can be used for up to 15 V outputs, which greatly improves
power supply efficiency. The cycle skipping feature of the
TOPSwitch-FX eliminates the need for any dummy loading for
regulation at no load and reduces the no load/standby
consumption of the power supply. Frequency jitter provides
improved margin for conducted EMI meeting the CISPR 22
(FCC B) specification.
A simple Zener sense circuit is used for low cost. The output
voltage is determined by the Zener diode (VR2) voltage and
the voltage drops across the optocoupler (U2) LED and
resistor R6. Resistor R8 provides bias current to Zener VR2 for
typical regulation of ±5% at the 12 V output level, over line and
load and component variations.
12 V
@ 2.5 A
D2
1N4148
T1
C5
47
µF
10 V
U2
LTV817A
VR2
1N5240C
10 V, 2%
R6
150
Ω
R15
150
Ω
C14
1 nF
D1
UF4005
R3
68 k
Ω
2W
C3
4.7 nF
1KV
CY1
2.2 nF
U1
TOP234Y
D
M
S
F
C
TOPSwitch-FX
R8
150
Ω
C1
68
µF
400 V
C6
100 nF
D8
MBR1060
C10
560
µF
35 V
C12
220
µF
35 V
C11
560
µF
35 V
CONTROL
CONTROL
RTN
R5
6.8
Ω
R1
4.7 M
Ω
1/2 W
R2
9.09 k
Ω
PI-2525-062515
L3
3.3
µH
BR1
600 V
2A
F1
3.15 A
J1
L1
20 mH
L
N
CX1
100 nF
250 VAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com