Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCC4066B Datasheet(PDF) 3 Page - STMicroelectronics

Part # HCC4066B
Description  OR MULTIPLEXING OF ANALOG OR DIGITAL SIGNALS QUAD BILATERAL SWITCH FOR TRANSMISSION
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4066B Datasheet(HTML) 3 Page - STMicroelectronics

  HCC4066B Datasheet HTML 1Page - STMicroelectronics HCC4066B Datasheet HTML 2Page - STMicroelectronics HCC4066B Datasheet HTML 3Page - STMicroelectronics HCC4066B Datasheet HTML 4Page - STMicroelectronics HCC4066B Datasheet HTML 5Page - STMicroelectronics HCC4066B Datasheet HTML 6Page - STMicroelectronics HCC4066B Datasheet HTML 7Page - STMicroelectronics HCC4066B Datasheet HTML 8Page - STMicroelectronics HCC4066B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ELECTRICAL CHARACTERISTICS
(T
amb =25°C, typical temperature coefficient for all VDD values is 0,3%/°C)
Test Conditions
Val ue
VI
VDD
TLow*
25
°CT
High*
Symbol
Parameter
(V)
(V)
Min.
Max.
Min.
Typ.
Max.
Min.
Max.
Unit
IL
Quiescent
Device
Current (all
switches
ON or all
switches
OFF)
HCC
Types
0/ 5
5
0.25
0.01
0.25
7.5
µA
0/10
10
0.5
0.01
0.5
15
0/15
15
1
0.01
1
30
0/20
20
5
0.02
5
150
HCF
Types
0/ 5
5
1
0.01
1
7.5
0/10
10
2
0.01
2
15
0/15
15
4
0.01
4
30
SI GNAL I NPUTS (Vis) and Outputs (Vos)
RON
On
Resistance
HCC
Types
VC =VDD
RL = 10KΩ Return
VDD –VSS
to
________
2
Vis =VSS to VDD
5
800
470
1050
1300
Ω
10
310
180
400
550
15
200
125
240
320
HCF
Types
5
850
470
1050
1200
10
330
180
400
500
15
210
125
240
300
∆ON
Resistance
between any 2
Switches,
∆R
ON
RL 10kΩ,VC =VDD
515
Ω
10
10
15
5
TDH
Total Harmonic
Distorsion
VC =VDD = 5V,
VSS = – 5V,
Vis (p-p) = 5V
(sine wave centered in 0V)
RL = 10kΩ,
fis = 1kHz sine wave
0.4
%
- 3 dB Cutoff
Frequency (switch
on)
VC =VDD =5V,
VSS =– 5V,
Vis (p-p) = 5V
(sine wave centured on
0V)
RL =1kΩ
40
MHz
*TLow =– 55
°Cfor HCC device : – 40°Cfor HCF device.
*THigh = + 125
°Cfor HCC device : + 85°Cfor HCF device.
The Noise Margin for both ”1” and ” 0” level is : 1V min. with VDD = 5V, 2V min. with VDD = 10V, 2.5V min. with VDD = 15V.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
VDD
Supply Voltage : HC C Types
HCF Types
3to 18
3to 15
V
V
VI
Input Voltage
0 to VDD
V
T op
Operating Temperature : HCC Types
HCF Types
– 55 to + 125
–40 to + 85
°C
°C
HCC/HCF4066B
3/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com