Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDB3501 Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

Part # FDB3501
Description  35 AMP FAST RECOVERY BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

FDB3501 Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  FDB3501 Datasheet HTML 1Page - DIOTEC Electronics Corporation FDB3501 Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Data Sheet No. FRDB-3500-1B
MECHANICAL SPECIFICATION
35 AMP FAST RECOVERY BRIDGE RECTIFIERS
Tel.: (310) 767-1052
Fax: (310) 767-7958
DIOTEC ELECTRONICS CORP.
Gardena, CA 90248
U.S.A
18020 Hobart Blvd., Unit B
PRV Ratings from 50 to 1000 Volts
Surge overload rating to 500 Amps peak
Reliable low cost molded plastic construction
Ideal for printed circuit board applications
Fast switching for high efficiency
G15
INCHES
MILLIMETERS
MIN
11.0
17.5
15.7
28.4
SYM
BL
BH
D1
D2
MAX
MAX
11.2
16.7
18.5
28.7
0.69
MIN
1.12
0.43
0.62
1.13
0.44
0.66
0.73
D3
0.53
13.5
14.5
0.57
LT
0.56
14.2
n/a
n/a
INCHES
MILLIMETERS
MIN
11.0
10.9
17.5
28.4
SYM
BL
BH
D1
LL
D2
MAX
MAX
11.2
18.5
11.9
28.7
0.43
MIN
1.12
0.43
0.69
1.13
0.44
0.73
0.47
LD
1.0
1.1
0.039
0.042
0.81
20.6
n/a
n/a
BH
LT
LD
LL
BH
SERIES FDB3500 - FDB3510
HOLE FOR
#8 SCREW
D3
D1
D1
D2
BL
BL
_
+
D1
D2
BL
D1
BL
+
_
+
_
UL RECOGNIZED - FILE #E124962
MAXIMUM RATINGS & ELECTRICAL CHARACTERISTICS
Average Forward Rectified Current @ T = 75 C
PARAMETER (TEST CONDITIONS)
Maximum DC Blocking Voltage
Maximum Peak Recurrent Reverse Voltage
Maximum RMS Voltage
Series Number
I
V
V
V
SYMBOL
FDB
FDB
RATINGS
UNITS
VOLTS
FDB
FDB
FDB
FDB
FDB
50
100
200
400
1000
35
70
140
280
700
35
Peak Forward Surge Current (8.3mS single half sine wave
superimposed on rated load) T = 125 C
Maximum Forward Voltage (Per Bridge Element) at 17.5 Amps DC
VOLTS
AMPS
V
I
500
1.3
Maximum Average DC Reverse Current at Rated
DC Blocking Voltage (Per Bridge Element-Note 2)
I
mA
@ T = 25 C
@ T = 100 C
10
1
T
600
800
50
100
200
400
1000
600
800
420
560
3500
3501
3502
3504
3506
3508
3510
Maximum Reverse Recovery Time (Note 1)
200
300
500
nS
mA
R
°C/W
1.6
Typical Thermal Resistance, Junction to Case (Note 2)
Junction Temperature Range
T
°C
-55 to +135
Storage Temperature Range
T
-55 to +135
Case: Metal (Potting epoxy carries U/L flammability Rating 94V-0)
Terminals: Round silver plated copper pins or fast-on terminals
Soldering: Per MIL-STD 202 Method 208 guaranteed
Polarity: Marked on side of case
Mounting Position: Any. Through hole for #8 screw.
Weight: Fast-on Terminals - 1.1 Ounces (31.6 Grams)
Max. mounting torque = 20 in-lb.
Wire Leads - 0.95 Ounce (28.5 Grams)
RoHS COMPLIANT
MECHANICAL DATA


Similar Part No. - FDB3501

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
FDB3501P DEC-FDB3501P Datasheet
451Kb / 2P
35 AMP FAST RECOVERY BRIDGE RECTIFIERS
More results

Similar Description - FDB3501

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
RKBPC35005 FUJI-RKBPC35005 Datasheet
866Kb / 1P
35 AMP FAST RECOVERY BRIDGE RECTIFIER
logo
DIOTEC Electronics Corp...
FSB200 DEC-FSB200 Datasheet
233Kb / 1P
2 AMP FAST RECOVERY BRIDGE RECTIFIERS
FDB3500P DEC-FDB3500P Datasheet
451Kb / 2P
35 AMP FAST RECOVERY BRIDGE RECTIFIERS
BFSB-200-1B DEC-BFSB-200-1B Datasheet
235Kb / 1P
2 AMP FAST RECOVERY BRIDGE RECTIFIERS
SRDB-3500P-1A DEC-SRDB-3500P-1A Datasheet
113Kb / 1P
35 AMP SOFT RECOVERY FAST SWITCHING BRIDGE RECTIFIERS
FRDB-3500P-1B DEC-FRDB-3500P-1B Datasheet
453Kb / 2P
35 AMP FAST RECOVERY BRIDGE RECTIFIERS
1-5FWB DEC-1-5FWB Datasheet
76Kb / 2P
1.5 AMP FAST RECOVERY BRIDGE RECTIFIERS
25FDBP DEC-25FDBP Datasheet
462Kb / 2P
25 AMP FAST RECOVERY BRIDGE RECTIFIERS
35DBPS DEC-35DBPS Datasheet
107Kb / 1P
35 AMP SOFT RECOVERY FAST SWITCHING BRIDGE RECTIFIERS
35FDBP DEC-35FDBP Datasheet
453Kb / 2P
35 AMP FAST RECOVERY BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com