Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB3504P Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

Part # DB3504P
Description  35 AMP SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

DB3504P Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  DB3504P Datasheet HTML 1Page - DIOTEC Electronics Corporation DB3504P Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
MECHANICAL SPECIFICATION
Tel.:(310)767-1052Fax:(310)767-7958
DIOTECELECTRONICSCORP.
Gardena,CA 90248U.S.A
18020HobartBlvd.,UnitB
35 AMP SILICONBRIDGERECTIFIERS
MAXIMUMRATINGS&ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive loads, derate current by 20%.
PARAMETER(TESTCONDITIONS)
MaximumDCBlockingVoltage
MaximumPeakRecurrentReverseVoltage
WorkingPeakReverseVoltage
SeriesNumber
VRWM
VRRM
VR (RMS)
VRM
SYMBOL
ADB ADB ADB
DB
DB
DB
DB
DB
DB
DB
UNITS
VOLTS
3504P 3506P 3508P 3500P 3501P 3502P 3504P 3506P 3508P 3510P
1000
400
600
800
50
100
200
400
600
800
RMSReverseVoltage
280
420
560
35
70
140
280
420
700
560
CONTROLLED
AVALANCHE
NON-CONTROLLED
AVALANCHE
RATINGS
SERIES:DB3500P -DB3510P and ADB3504P - ADB3508P
Suffix"T"indicatesFAST-ONTERMINALS
Suffix"W"indicatesWIRELEADS
INCHES
MILLIMETERS
MIN
9.6
17.5
15.7
28.4
SYM
BL
BH
D1
D2
MAX
MAX
10.2
16.7
18.5
28.7
0.69
MIN
1.12
0.38
0.62
1.13
0.40
0.66
0.73
D3
0.53
13.5
14.5
0.57
LT
0.6
15.2
n/a
n/a
INCHES
MILLIMETERS
MIN
9.6
10.9
17.5
28.4
SYM
BL
BH
D1
LL
D2
MAX
MAX
10.2
18.5
11.9
28.7
0.43
MIN
1.12
0.38
0.69
1.13
0.40
0.73
0.47
LD
1.0
1.1
0.039
0.042
0.81
20.6
n/a
n/a
D3
D1
D1
BL
HOLEFOR
#8SCREW
D2
BL
HOLEFOR
#8SCREW
D1
D2
BL
D1
BL
)+
)+
UL RECOGNIZED-FILE#E124962
MECHANICAL DATA
Max.mountingtorque=20in-lb.
Case:
Terminals:Roundsilverplatedcopperpinsorfast-onterminals
Soldering:PerMIL-STD202Method208guaranteed
Polarity:Markedonsideofcase
MountingPosition: Any.Throughholefor#8screw.
Weight:Fast-onTerminals-0.7Ounces(20.0Grams)
Case:Moldedepoxywithintegralheatsink
EpoxycarriesaU/L Flammabilityratingof94V-0
WireLeads-0.55Ounces(16.0Grams)
RoHSCOMPLIANT
+
_
AC
AC
+
_
AC
AC
BUILT-INSTRESSRELIEFMECHANISMFOR
SUPERIORRELIABILITY ANDPERFORMANCE
INTEGRALLY MOLDEDHEATSINKPROVIDESVERY
LOWTHERMAL RESISTANCEFORMAXIMUMHEAT
DISSIPATION
VOIDFREEVACUUMDIESOLDERINGFORMAXIMUM
MECHANICAL STRENGTH ANDHEATDISSIPATION
(SolderVoids:Typical<2%,Max.<10%ofDie Area)
E45
IO
AverageForwardRectifiedCurrent@T =75 C
C
o
PeakForwardSurgeCurrent.
.T =125
J
Single60HzHalf-SineWave
SuperimposedonRatedLoad(JEDECMethod)
C
o
AMPS
35
IFSM
500
TJ
TSTG
°C
-55to+150
-55to+150
JunctionTemperatureRange
StorageTemperatureRange
RGJC
VFM
MaximumForwardVoltage(PerDiode)at17.5 AmpsDC
VOLTS
VOLTS
n/a
n/a
Mimimum AvalancheVoltage
Maximum AvalancheVoltage
V(BR) Min
V(BR) Max
MaximumReverseCurrentatRatedVRM
@T =25 C
A
o
@T =125 C
A
o
IRM
MinimumInsulationBreakdownVoltage(CircuittoCase)
VISO
TypicalThermalResistance,JunctiontoCase
SeeNote1
SeeNote1
1.05
1
50
mA
2500
oC/W
1.2
NOTES: (1) These bridges exhibit the avalanche characteristic at breakdown.
If your application requires a specific breakdown voltage range,
please contact us.
Heat Sink
Heat Sink
LD
LL
BH
Molded
Body
BH
LT
Molded
Body
Data Sheet No. BRDB-3500P-1C
ADBD-3500P-1C
Looking for: KBPC35005, KBPC3501, KBPC3502, KBPC3504
KBPC3506, KBPC35O8, KBPC3510?
or
GBPC35005, GBPC3501, GBPC3502, GBPC3504, GBPC3506
GBPC3508, GBPC3510?
or
MDA3500, MDA3501, MDA3502, MDA3504, MDA3506,
MDA3508, MDA3510


Similar Part No. - DB3504P

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
DB3504P DEC-DB3504P Datasheet
475Kb / 2P
35 AMP SILICON BRIDGE RECTIFIERS
DB3504P-S DEC-DB3504P-S Datasheet
335Kb / 1P
35 AMP HIGH FREQUENCY SOFT RECOVERY BRIDGE RECTIFIERS
More results

Similar Description - DB3504P

ManufacturerPart #DatasheetDescription
logo
Bytes
MB3505W BYTES-MB3505W Datasheet
151Kb / 2P
SINGLE PHASE 35 AMP BRIDGE RECTIFIERS
logo
Formosa MS
MB3505W FORMOSA-MB3505W Datasheet
34Kb / 2P
SINGLE PHASE 35 AMP BRIDGE RECTIFIERS
logo
Fuji Electric
KBPC35005 FUJI-KBPC35005 Datasheet
718Kb / 1P
35 AMP SILICON BRIDGE RECTIFIER
MP35005 FUJI-MP35005 Datasheet
687Kb / 1P
35 AMP SILICON BRIDGE RECTIFIER
logo
DIOTEC Electronics Corp...
DB3501P DEC-DB3501P Datasheet
475Kb / 2P
35 AMP SILICON BRIDGE RECTIFIERS
DB3500 DEC-DB3500 Datasheet
605Kb / 2P
35 AMP SILICON BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
MB3505 GWSEMI-MB3505 Datasheet
74Kb / 2P
SINGLE PHASE 35 AMP BRIDGE RECTIFIERS
MB3505W GWSEMI-MB3505W Datasheet
67Kb / 2P
SINGLE PHASE 35 AMP BRIDGE RECTIFIERS
logo
DIOTEC Electronics Corp...
35DBP DEC-35DBP Datasheet
138Kb / 2P
35 AMP SILICON BRIDGE RECTIFIERS
logo
Nanjing International G...
KBPC35005W DGNJDZ-KBPC35005W Datasheet
118Kb / 2P
SINGLE PHASE 35 AMP BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com