Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANT130-180-R Datasheet(PDF) 4 Page - AEROTECH US. ALL RIGHTS RESERVED.

Part # ANT130-180-R
Description  Single-Axis Rotary Direct-Drive Nanopositioning Stage
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

ANT130-180-R Datasheet(HTML) 4 Page - AEROTECH US. ALL RIGHTS RESERVED.

  ANT130-180-R Datasheet HTML 1Page - AEROTECH US. ALL RIGHTS RESERVED. ANT130-180-R Datasheet HTML 2Page - AEROTECH US. ALL RIGHTS RESERVED. ANT130-180-R Datasheet HTML 3Page - AEROTECH US. ALL RIGHTS RESERVED. ANT130-180-R Datasheet HTML 4Page - AEROTECH US. ALL RIGHTS RESERVED. ANT130-180-R Datasheet HTML 5Page - AEROTECH US. ALL RIGHTS RESERVED.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
aerotech.com
ANT130R SERIES SPECIFICATIONS
ANT130R SERIES PERFORMANCE
0
100
200
300
6.0
4.5
3.0
1.5
0
1.5
3.0
4.5
6.0
Position (deg)
0
100
200
300
- 1.2
- 0.9
- 0.6
- 0.3
0
0.3
0.6
0.9
1.2
ANT130R accuracy plot showing excellent accuracy and bi-
directional positioning capability.
2m
-2 m
0
90
180
270
ANT130R axial error plot illustrating outstanding synchronous and
asynchronous error motion performance.
0
2
4
6
0.016
0.012
0.008
0.004
0
0.004
0.008
0.012
0.016
Time (s)
0
2
4
6
- 0.003
- 0.002
- 0.002
- 0.001
0
0.001
0.002
0.002
0.003
ANT130R plot showing best-in-class in-position stability.
2m
-2 m
0
90
180
270
ANT130R radial error plot illustrating outstanding synchronous and
asynchronous error motion performance.
Capable of achieving a step size down to 0.05 µrad, ANT130R
offers best-in-class minimum incremental motion.
0
5
10
15
20
25
0.05
0
0.05
0.1
0.15
0.19
0.24
0.29
0.34
0.39
0.44
0.48
0.53
Time (sec)
0
5
10
15
20
25
-
0.01
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.1
0.11



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com