Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANT130-20-R Datasheet(PDF) 5 Page - AEROTECH US. ALL RIGHTS RESERVED.

Part # ANT130-20-R
Description  Single-Axis Rotary Direct-Drive Nanopositioning Stage
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

ANT130-20-R Datasheet(HTML) 5 Page - AEROTECH US. ALL RIGHTS RESERVED.

  ANT130-20-R Datasheet HTML 1Page - AEROTECH US. ALL RIGHTS RESERVED. ANT130-20-R Datasheet HTML 2Page - AEROTECH US. ALL RIGHTS RESERVED. ANT130-20-R Datasheet HTML 3Page - AEROTECH US. ALL RIGHTS RESERVED. ANT130-20-R Datasheet HTML 4Page - AEROTECH US. ALL RIGHTS RESERVED. ANT130-20-R Datasheet HTML 5Page - AEROTECH US. ALL RIGHTS RESERVED.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
aerotech.com
ANT130R DIMENSIONS
50 B.C.
APERTURE
11
35.4
TYP
50 TYP
75 TYP
106 B.C.
71 B.C.
45° TYP
A
1/2 NOM.
TRAVEL
B
1/2 LIMIT
TRAVEL
C
1/2 HARDSTOP
TRAVEL
CUSTOMER MOUNTING
24X M4X0.7 HELICOIL
4.0
EQUALLY SPACED ON BOLT CIRCLES
50
65
TYP
130
26
26
120
40
60 TYP
125
34
73
TYP
145
10 TYP
CAPTIVE
STAGE MOUNTING
4x M6 SHCS
146
68
40
2X
5.8 THRU
54
CABLE LENGTH
~925
25PIN MOTOR/FEEDBACK CONNECTOR
HEIGHT = 26
125
50
100
100
51
2.00
73
TYP
65
TYP
25
50
51
2.00
102
4.00
50
102
4.00
145
130
20 THRU
STAGE MOUNTING
4x M6x1 THRU
BREADBOARD MOUNTING PATTERN
6x M6 OR 1/4-20 SHCS C'BORE SLOTS
10
DIMENSIONS: MILLIMETERS
-MP (MOUNTING PLATE BREADBOARD)
REVISIONS
MCN
REV.
DESCRIPTION
DATE
APPROVED
12534
A
ADDED MOUNTING HOLES TO CONNECTOR BOX
05-MAR-10
TBYRNE
12645
B
REMOVED "NMT" LOGO FROM CATALOG
4/28/2010
JHAAG
17733
C
UPDATED ELECTRICAL LIMIT TRAVELS
CLARIFIED '0' POSITION IN ISO VIEW
09-SEP-16
BHARROLD
17985
D
EPICOR MIGRATION UPDATES (ERP-1681)
23-DEC-16
BHARROLD
TBYRNE
MODEL BY:
MODEL FILENAME:
ANT130R-CAT
D
ANT130R
PART CODE:
CATALOG MODEL
ANT130R-CAT
PART NAME:
DWG. NO.
REV
ANT130R
SHEET 1 OF 1
15-JUN-09
DATE
EGLASER
DRAW
TBYRNE
TBYRNE
NAME
CHECK
APPR.
15-JUN-09
15-JUN-09



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com