Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4097B Datasheet(PDF) 7 Page - STMicroelectronics

Part # HCF4097B
Description  ANALOG MULTIPLEXER/DEMULTIPLEXER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4097B Datasheet(HTML) 7 Page - STMicroelectronics

Back Button HCF4097B Datasheet HTML 3Page - STMicroelectronics HCF4097B Datasheet HTML 4Page - STMicroelectronics HCF4097B Datasheet HTML 5Page - STMicroelectronics HCF4097B Datasheet HTML 6Page - STMicroelectronics HCF4097B Datasheet HTML 7Page - STMicroelectronics HCF4097B Datasheet HTML 8Page - STMicroelectronics HCF4097B Datasheet HTML 9Page - STMicroelectronics HCF4097B Datasheet HTML 10Page - STMicroelectronics HCF4097B Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb =25
oC, CL =50 pF, RL = 200 K
Ω,
typical temperature coefficent for all VDD values is 03 %/
oC, all input rise and fall times= 20 ns)
Symbol
Parameter
Test Conditions
Value
Unit
VC
(V)
RL
(K
Ω)
fi
(KHz)
VI
(V)
VSS
(V)
VDD
(V)
Typ. Max.
SWITCH
tpd
Propagation Delay
Time (Signal Input to
Output)
=VDD
200
0
530
60
ns
10
15
30
15
11
20
Frequency Response
Channel ”ON” (Sine
Wave Input) at
20
Log
VO
VI
=− 3 dB
=VDD
15 (
•)0
10
VO at
Common
OUT/IN
4067B
14
ns
4097B
20
VO at Any Channel
60
Feedthrough (All
Channels OFF) at
20
Log
VO
VI
=− 40 dB
=VSS
15 (
•)0
10
VO at
Common
OUT/IN
4067B
20
MHz
4097B
12
VO at Any Channel
8
Frequency Signal
Crosstalk at
20
Log
VO(B)
VI(A)
=−40dB
VC(A)=VDD
VC(B)=VSS
15 (
•)0
10
Between Any two (A
and B) Channels
1
MHz
Between
Sections
(A and B)
4097B
only
Measured
on
common
10
Measured
on Any
Channel
18
tW
Sine Wave Distortion
(fis = 1KHz sine
wave)
510
1
2 (
•)
0
5
0.3
%
10
10
1
3 (
•)
0
10
0.2
15
10
1
5 (
•)
0
15
0.12
CONTROL (address or Inhibit)
tPLH
tPHL
Propagation Delay
Time: Address or
Inhibit to Signal OUT
(Channel Turning ON)
1
0
5
325
650
ns
0
10
135
270
0
15
95
190
tPLH
tPHL
Propagation Delay
Time: Address or
Inhibit to Signal OUT
(Channel Turning
OFF)
0.3
0
5
220
440
ns
0
10
90
180
0
15
65
130
Address or Inhibit to
Signal Crosstalk
10*
0
10
75
mV
peak
(
•) Peak to peak voltage symmetrical about
VDD
− V
SS
2
(*) Both ends of channel
HCC/HCF4067B HCC/HCF4097B
7/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com