Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

89012068. Datasheet(PDF) 1 Page - WERMA Signaltechnik GmbH + Co. KG

Part # 89012068.
Description  LED Perm. Beacon BWM 115-230VAC RD
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WERMA [WERMA Signaltechnik GmbH + Co. KG]
Direct Link  https://www.werma.com/
Logo WERMA - WERMA Signaltechnik GmbH + Co. KG

89012068. Datasheet(HTML) 1 Page - WERMA Signaltechnik GmbH + Co. KG

  89012068. Datasheet HTML 1Page - WERMA Signaltechnik GmbH + Co. KG 89012068. Datasheet HTML 2Page - WERMA Signaltechnik GmbH + Co. KG 89012068. Datasheet HTML 3Page - WERMA Signaltechnik GmbH + Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Techn. datasheet
Traffic Lights / LED Light / LED Traffic Light 890
LED Perm. Beacon BWM 115-230VAC RD
! For additional installation and mounting information, refer to the appropriate user guide at www.werma.com. This
printed copy is for information only and is subject to alteration.
WERMA Signaltechnik GmbH + Co. KG · Dürbheimer Straße 15 · D-78604 Rietheim-Weilheim
Tel +49(0) 74 24 95 57-0 · Fax +49(0) 74 24 95 57-44 · info@werma.com · www.werma.com
1/3
14.09.2022 / 890.120.68
Part No.: 890.120.68
MECHANICAL DATA
Length
154 mm
Height
168 mm
Diameter
150 mm
Materials
PC
PC/ABS
Dome colour
Clear
Housing colour
Grey
Protection category
IP65
Connection
Spring-type terminal
cross-sectional area minimum
0,50mm² / 20AWG
cross-sectional area maximum
1,50mm² / 16AWG
Cable entry
Screwed cable gland
Cable entry minimum
d = 5 mm
d = 6 mm
Cable entry maximum
d = 12 mm
d = 7 mm
Tension relief
Present (conforms to VDE)
Type of fixing
Base mounting
Wall mounting
Working temperature minimum
-30°C
Working temperature maximum
+50°C
Weight with packaging
548 g
Product weight
476 g
ELECTRICAL DATA
Operating voltage
115-230V
Operating voltage type
AC
Operating voltage frequency
50Hz at 230V
60Hz at 115V
Operating voltage tolerance
+/- 10%
Rated operational voltage
230 VAC
Rated operational current
35 mA
Rated inrush current
300 mA
Protection class
Protection class 2
Pollution degree
3
Overvoltage category
II
Isolation voltage
Ui = 250V; Uimp = 2.500V
OPTICAL DATA
Light source
LED


Similar Part No. - 89012068.

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
89012 NTE-89012 Datasheet
438Kb / 1P
50V CERAMIC DISC
logo
Molex Electronics Ltd.
890124 MOLEX11-890124 Datasheet
37Kb / 2P
5.08mm Pitch, Beau Eurostyle Low Profile
logo
KNIPEX
8901250 KNIPEX-8901250 Datasheet
97Kb / 1P
Water Pump Pliers With groove joint
05.07.2021
More results

Similar Description - 89012068.

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3445 NSC-LM3445_1 Datasheet
2Mb / 18P
230VAC, 6W- 15W Isolated Flyback LED Driver Solid State Lighting
logo
Powerbox
FARM-AC POWERBOX-FARM-AC Datasheet
254Kb / 1P
Autoranging 115/230VAC input
FLATPAC POWERBOX-FLATPAC Datasheet
165Kb / 2P
Inputs - 115/230VAC autoranging
logo
Recom International Pow...
RCOB RECOM-RCOB Datasheet
479Kb / 5P
Low Cost 230VAC LED Power Supply
logo
Diodes Incorporated
AP1694AEV11 DIODES-AP1694AEV11 Datasheet
854Kb / 10P
230VAC Triac Dimmable GU10 LED Driver
Rev 2
logo
PHOENIX CONTACT
2700115 PHOENIX-2700115 Datasheet
140Kb / 5P
LED flashing beacon element, 24혻V혻DC, double flash
2700124 PHOENIX-2700124 Datasheet
140Kb / 5P
LED flashing beacon element, 24혻V혻DC, double flash
2700129 PHOENIX-2700129 Datasheet
140Kb / 5P
LED flashing beacon element, 24혻V혻DC, double flash
2700130 PHOENIX-2700130 Datasheet
140Kb / 5P
LED random flashing beacon element, 24 V DC
2700134 PHOENIX-2700134 Datasheet
140Kb / 5P
LED flashing beacon element, 24혻V혻DC, double flash
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com