Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS72011DRVT.B Datasheet(PDF) 29 Page - Texas Instruments

Part # TPS72011DRVT.B
Description  TPS720 350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS72011DRVT.B Datasheet(HTML) 29 Page - Texas Instruments

Back Button TPS72011DRVT.B Datasheet HTML 25Page - Texas Instruments TPS72011DRVT.B Datasheet HTML 26Page - Texas Instruments TPS72011DRVT.B Datasheet HTML 27Page - Texas Instruments TPS72011DRVT.B Datasheet HTML 28Page - Texas Instruments TPS72011DRVT.B Datasheet HTML 29Page - Texas Instruments TPS72011DRVT.B Datasheet HTML 30Page - Texas Instruments TPS72011DRVT.B Datasheet HTML 31Page - Texas Instruments TPS72011DRVT.B Datasheet HTML 32Page - Texas Instruments TPS72011DRVT.B Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
www.ti.com
PACKAGE OUTLINE
C
0.625 MAX
0.3
0.2
0.5 TYP
5X
0.35
0.25
0.5 TYP
0.433
B
E
A
D
4222196/A 11/2015
DSBGA - 0.625 mm max height
YZU0005
DIE SIZE BALL GRID ARRAY
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3
SYMM
SYMM
BALL A1
CORNER
SEATING PLANE
BALL TYP
0.05 C
C
B
A
1
2
0.015
C A
B
SCALE 10.000
D: Max =
E: Max =
1.362 mm, Min =
0.994 mm, Min =
1.302 mm
0.934 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com