Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4063 Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4063
Description  4-BIT MAGNITUDE COMPARATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4063 Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4063 Datasheet HTML 1Page - STMicroelectronics HCF4063 Datasheet HTML 2Page - STMicroelectronics HCF4063 Datasheet HTML 3Page - STMicroelectronics HCF4063 Datasheet HTML 4Page - STMicroelectronics HCF4063 Datasheet HTML 5Page - STMicroelectronics HCF4063 Datasheet HTML 6Page - STMicroelectronics HCF4063 Datasheet HTML 7Page - STMicroelectronics HCF4063 Datasheet HTML 8Page - STMicroelectronics HCF4063 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
HCC/HCF4063B
June 1989
4-BIT MAGNITUDE COMPARATOR
.
QUIESCENT CURRENT SPECIFIED TO 20V
FOR HCC DEVICE
.
STANDARD B-SERIES OUTPUT DRIVE
.
EXPANSION TO 8-16V...4 N BITS BY CASCAD-
ING UNITS
.
MEDIUM SPEED OPERATION : COMPARES
TWO 4-BIT WORDS IN 250ns (typ.) AT 10V
.
INPUT CURRENT OF 100nA AT 18V AND 25
°C
FOR HCC DEVICE
.
100% TESTED FOR QUIESCENT CURRENT
.
MEETS ALL REQUIREMENTS OF JEDEC TEN-
TATIVE STANDARD N
°13A, ”STANDARD SPE-
CIFICATIONS FOR DESCRIPTION OF ”B”
SERIES CMOS DEVICES”
DESCRIPTION
The HCC4063B (extended temperature range) and
HCF4063B (intermediate temperature range) are
available in 16-lead dual in-line plastic or ceramic
package
and
plastic
micro
package.
The
HCC/HCF4063B is a low-power 4-bit magnitude
comparator designed for use in computer and logic
applications that require the comparison of two 4-bit
words. This logic circuit determines whether one 4-
bit word (Binary or BCD) is ”less than”, ”equal to” or
”greater
than”
a
second
4-bit
word.
The
HCC/HCF4063B has eight comparing inputs (A3,
B3, through A0, B0), three outputs (A < B, A = B, A
> B) and three cascading inputs (A < B, A = B, A >
B) that permit systems designers to expand the
comparator function to 8, 12, 16...4 N bits. When a
single HCC/HCF4063B is used, the cascading in-
puts are connected as follows :
(A < B) = low, (A = B) = high, (A > B) = low.
For words longer than 4 bits, HCC/HCF4063B de-
vices may be cascaded by connecting the outputs
of the less-significant comparator to the correspond-
ing cascading inputs of the more-significant com-
parator. Cascading inputs (A < B, A = B, and A > B)
on the least significant comparator are connected to
a low, a high, and a low level, respectively.
EY
(Plastic Package)
F
(Ceramic Frit Seal Package)
M1
(Micro Package)
C1
(Plastic Chip Carrier)
ORDER CODES :
HCC4063BF
HCF4063BM1
HCF4063BEY
HCF4063BC1
PIN CONNECTIONS
1/12


Similar Part No. - HCF4063

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4063B STMICROELECTRONICS-HCF4063B Datasheet
854Kb / 9P
4-BIT MAGNITUDE COMPARATOR
Sep-2001
HCF4063BEY STMICROELECTRONICS-HCF4063BEY Datasheet
854Kb / 9P
4-BIT MAGNITUDE COMPARATOR
Sep-2001
HCF4063BM1 STMICROELECTRONICS-HCF4063BM1 Datasheet
854Kb / 9P
4-BIT MAGNITUDE COMPARATOR
Sep-2001
HCF4063B STMICROELECTRONICS-HCF4063B_01 Datasheet
854Kb / 9P
4-BIT MAGNITUDE COMPARATOR
Sep-2001
HCF4063M013TR STMICROELECTRONICS-HCF4063M013TR Datasheet
854Kb / 9P
4-BIT MAGNITUDE COMPARATOR
Sep-2001
More results

Similar Description - HCF4063

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74HC85 MOTOROLA-MC74HC85 Datasheet
219Kb / 8P
4-Bit Magnitude Comparator
SN54LS85 MOTOROLA-SN54LS85 Datasheet
102Kb / 4P
4-BIT MAGNITUDE COMPARATOR
logo
NXP Semiconductors
74HC85 PHILIPS-74HC85 Datasheet
69Kb / 9P
4-bit magnitude comparator
December 1990
logo
STMicroelectronics
HCC4585B STMICROELECTRONICS-HCC4585B Datasheet
284Kb / 12P
4-BIT MAGNITUDE COMPARATOR
Jun-1989
M74HC85-1 STMICROELECTRONICS-M74HC85-1 Datasheet
326Kb / 10P
4-BIT MAGNITUDE COMPARATOR
Jul-2001
logo
Fairchild Semiconductor
DM74LS85 FAIRCHILD-DM74LS85 Datasheet
58Kb / 6P
4-Bit Magnitude Comparator
MM74C85 FAIRCHILD-MM74C85 Datasheet
64Kb / 5P
4-Bit Magnitude Comparator
logo
STMicroelectronics
HCF4063B STMICROELECTRONICS-HCF4063B_01 Datasheet
854Kb / 9P
4-BIT MAGNITUDE COMPARATOR
Sep-2001
logo
Renesas Technology Corp
HD74HC85 RENESAS-HD74HC85 Datasheet
104Kb / 8P
4-bit Magnitude Comparator
logo
NXP Semiconductors
74HC_HCT85_CNV PHILIPS-74HC_HCT85_CNV_15 Datasheet
73Kb / 9P
4-bit magnitude comparator
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com