Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV160-SM02-R Datasheet(PDF) 3 Page - Superior Sensors Technology.

Part # HV160-SM02-R
Description  Differential Low Pressure Sensors HVAC Applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERIOR-SENSORS [Superior Sensors Technology.]
Direct Link  https://superiorsensors.com/
Logo SUPERIOR-SENSORS - Superior Sensors Technology.

HV160-SM02-R Datasheet(HTML) 3 Page - Superior Sensors Technology.

  HV160-SM02-R Datasheet HTML 1Page - Superior Sensors Technology. HV160-SM02-R Datasheet HTML 2Page - Superior Sensors Technology. HV160-SM02-R Datasheet HTML 3Page - Superior Sensors Technology. HV160-SM02-R Datasheet HTML 4Page - Superior Sensors Technology. HV160-SM02-R Datasheet HTML 5Page - Superior Sensors Technology. HV160-SM02-R Datasheet HTML 6Page - Superior Sensors Technology. HV160-SM02-R Datasheet HTML 7Page - Superior Sensors Technology. HV160-SM02-R Datasheet HTML 8Page - Superior Sensors Technology. HV160-SM02-R Datasheet HTML 9Page - Superior Sensors Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
HV Series
Differential Low Pressure Sensors 
www.SuperiorSensors.com 
3 
DS‐0001G.DOCX 
5 Feature List
Parameter 
Sym 
HV160 
HV120 
HV110 
HV210 
Units 
Notes 
Number of FS Pressure Ranges 
PNUM 
8 
4 
5 
7 
Each  
Specified FS Range Extents 
PEXT 
±2.5 to ±60 
±2.5 to ±20 
±0.5 to ±10 
±0.1 to ±10 
inH2O  
Number of BW Filter Corners 
BWNUM 
7 
Each  
BW Corner Frequency Extents 
fBWEXT 
0.1 to 10 
Hz  
Common Mode Pressure 
PCM 
700 
500 
500 
500 
inH2O 
1 
Proof Pressure 
PPROOF 
400 
40 
40 
40 
inH2O 
2 
Burst Pressure 
PBURST 
480 
120 
120 
120 
inH2O 
3 
1) Pressure applied to both ports simultaneously without incurring part damage. 
2) Pressure at which the sensor will not suffer permanent damage. 
3) Pressure if exceeded could cause permanent damage to the sensor. 
6 Performance Characteristics
Note: Unless otherwise specified, characteristics specified with VDD = 3.3V, TA = 25C 
Parameter 
Sym 
HV160 
HV110/HV120
HV210 
Units 
Notes 
Min 
Typ 
Max
Min
Typ
Max
Min
Typ 
Max 
Accuracy 
PACC ‐ 
0.05 
0.1 ‐ 
0.05 
0.1 ‐ 
0.05 
0.1 
% RNG 
1, 2 
Total Error Band 
TEB ‐ 
0.1 
0.3 ‐ 
0.1 
0.3 ‐ 
0.05 
0.15 
% FSS 
3 
Long Term Stability 
LTS ‐ 
0.1 
0.25 ‐ 
0.1 
0.25 ‐ 
0.05 
0.1 
% FSS/Yr  
Thermal Hysteresis 
THYS ‐ 
0.05 ‐ 
‐ 
0.05 ‐ 
‐ 
0.025 ‐ 
% FSS  
Pressure Hysteresis 
PHYS ‐ 
0.05 ‐ 
‐ 
0.05 ‐ 
‐ 
0.05 ‐ 
% RNG 
1 
Position Sensitivity 
PPS ‐ 
2.0 ‐ 
‐ 
2.0 ‐ 
‐ 
0.25 ‐ 
Pa  
Supply Rejection 
PSR ‐ 
0.0005 ‐ 
‐ 
0.0005 ‐ 
‐ 
0.0005 ‐ 
Pa/mV  
Resolution 
RES ‐ 
16 ‐ 
‐ 
16 ‐ 
‐ 
16 ‐ 
bit 
4 
System ENOB 
ENOB ‐ 
17 ‐ 
‐ 
19 ‐ 
‐ 
19 ‐ 
BitRMS 
5 
Data Update Rate 
fUPDATE 
108 
111 
114 
108 
111 
114 
108 
111 
114 
Hz 
6 
1) Percentage of selected range. 
2) Uncertainty limited by system noise for ranges of 0.5 inH2O and below. 
3) Includes errors of offset, span and thermal effects. 
4) Each selected range has the specified resolution 
5) ENOB stated for fBW set to 0.1 Hz. 
6) The internal update rate is fixed and does not change with range or filter settings. Sampling at lower data rates are possible provided the 
Nyquist frequency is observed. It is suggested to sample at least 3x the set fBW frequency. 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com