Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM Datasheet(PDF) 1 Page - C&K Components

Part # PCM
Description  Ultraminiature Surface Mount Slide Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

PCM Datasheet(HTML) 1 Page - C&K Components

  PCM Datasheet HTML 1Page - C&K Components PCM Datasheet HTML 2Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SCHEMATIC
SPDT
1-2
2-3
CONN. TERMINALS
PCM12SMTR
SWITCH FUNCTION
POS. 1
POS. 2
PART NUMBER
PCM Series
Ultraminiature Surface Mount Slide Switches
Specifications
CONTACT RATING: 0.3A @ 6 VDC.
MECHANICAL LIFE: 10,000 cycles.
CONTACT RESISTANCE: 70 m
Ω max.
INSULATION RESISTANCE: 100 M
Ω min. @ 500V.
DIELECTRIC STRENGTH: 500 VAC min.
OPERATING TEMPERATURE: –20ºC to +85ºC.
SOLDERABILITY: 255C max. solder temperature.
PACKAGING: Tape & reel.
How To Order
Complete part numbers for PCM Series Ultraminiature Surface Mount Slide Switches are shown below and on page I–45.
Materials
CASE: PA6T
COVER: Stainless steel.
SLIDER: Nylon 4/6
BRUSH: Copper alloy silver clad.
TERMINALS: Copper alloy, silver plated.
NOTE: All models RoHS compliant and compatible with all options.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
PC MOUNTING
.045
(1.13)
Actuator shown in pos. 2
.026
(0,66)
PCM12SMTR
SPDT
Features/Benefits
•
Ultraminiature surface mount
•
Low profile
•
SPDT & SP3T models
•
RoHS compliant
Typical Applications
•
Computer peripherals & network
products
•
Telecommunication products
•
Test & measurement equipment
I–44
Dimensions
are shown: Inch (mm)
Specifications and dimensions subject to
change
www.ck-components.com
I
7,5 ±0,1
0,3 ±0,05
2,5 ±0,1
1,7 ±0,1
16±0,3
8±0,1
5,2
8,5 ±0,1
2,2 ±0,1
3,85±0,1
2±0,1
1,75±0,1
1,5 +0,1
0
4±0,1
A-A
SECTION
TAPE & REEL
For part number PCM12SMTR
Quanity per reel 3500
ON
ON


Similar Part No. - PCM

ManufacturerPart #DatasheetDescription
logo
C&K Components
PCM CK-COMPONENTS-PCM Datasheet
291Kb / 2P
Ultraminiature Surface Mount Slide Switches
PCM CK-COMPONENTS-PCM Datasheet
322Kb / 3P
Ultraminiature Surface Mount Slide Switches
16 Mar 22
logo
Nichicon corporation
PCM NICHICON-PCM Datasheet
1Mb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
logo
PANDUIT CORP.
PCM PANDUIT-PCM Datasheet
114Kb / 2P
Vinyl Coated Cloth Tape – GMC
16JUL12
logo
Electrolube
PCM ELECTROLUBE-PCM Datasheet
193Kb / 2P
Peelable Coating Mask
Oct 2016
More results

Similar Description - PCM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CHS-06TA1 ETC1-CHS-06TA1 Datasheet
432Kb / 15P
SURFACE MOUNT TYPE SLIDE SWITCHES
logo
ITT Industries
GS01MCBE ITT-GS01MCBE Datasheet
230Kb / 2P
Sealed Ultraminiature Slide Switches
PCM12SMTR ITT-PCM12SMTR Datasheet
204Kb / 2P
Ultraminiature Surface Mount Slide Switches
logo
GREATECS
PB11 GREATECS-PB11 Datasheet
380Kb / 2P
Sealed Ultraminiature Pushbutton Switches
logo
C&K Components
PCM CK-COMPONENTS-PCM Datasheet
291Kb / 2P
Ultraminiature Surface Mount Slide Switches
GS01MCBE CK-COMPONENTS-GS01MCBE Datasheet
223Kb / 2P
Sealed Ultraminiature Slide Switches
logo
Tyco Electronics
ASF22GL MACOM-ASF22GL Datasheet
154Kb / 4P
Slide Switches, Auto-insertable, Through Hole and Surface Mount
logo
C&K Components
GP CK-COMPONENTS-GP Datasheet
715Kb / 5P
Sealed Ultraminiature Pushbutton Switches
2 Mar 22
GS CK-COMPONENTS-GS Datasheet
390Kb / 3P
Sealed Ultraminiature Slide Switches
16 Mar 22
PCM CK-COMPONENTS-PCM_V01 Datasheet
322Kb / 3P
Ultraminiature Surface Mount Slide Switches
16 Mar 22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com