Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2139 Datasheet(PDF) 1 Page - Multicomp Pro

Part # 2139
Description  AC Power Inlet
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

2139 Datasheet(HTML) 1 Page - Multicomp Pro

  2139 Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <1>
V1.1
04/02/15
AC Power Inlet
Specifications:
Rating
: 10A 250V AC
15A 250V AC
Panel Thickness : 0.8mm to 1.5mm
Dimensions : Millimetres
No.
Description
QTY.
1
Body Insulator Nylon A216-BK
1
2
Contact PIN Bronze Strip t=2mm Ni-Plated
1
3
Contact PIN Bronze Strip t=2mm Ni-Plated
2
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
Multicomp is the registered trademark of the Group. © Premier Farnell plc 2012.
Part Number Table
Description
Part Number
AC Power Inlet, Receptacle, 15A
2139


Similar Part No. - 2139

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2139 MOLEX-2139 Datasheet
806Kb / 2P
KK® 396 Reflow Process Compatible (RPC) Compatible (RPC)
2014.05
logo
Belden Inc.
2139 BELDEN-2139 Datasheet
373Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset
02-03-2025
logo
Abbatron All Rights Res...
2139 ABBATRON-2139 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Molex Electronics Ltd.
2139 MOLEX-2139 Datasheet
115Kb / 4P
PCB Headers and Receptacles
Mar 06, 2025
2139 MOLEX-2139 Datasheet
46Kb / 1P
KK® Interconnect System - Molex
08/18/2016
More results

Similar Description - 2139

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
IEC-NA-4 ADAM-TECH-IEC-NA-4 Datasheet
257Kb / 3P
AC INLET/OUTLET MINI IEC CONNECTORS
logo
Switchcraft, Inc.
RAPC322 SWITCH-RAPC322 Datasheet
65Kb / 1P
POWER INLET SOCKET
RAPC322 SWITCH-RAPC322_1 Datasheet
106Kb / 1P
Power Inlet Socket
logo
Tyco Electronics
6ESRM-P MACOM-6ESRM-P_11 Datasheet
253Kb / 2P
Power Inlet Connectors
logo
List of Unclassifed Man...
BVA01Z000001 ETC2-BVA01Z000001 Datasheet
90Kb / 2P
POLYSNAP POWER INLET MODULES
BVA01Z000010 ETC2-BVA01Z000010 Datasheet
68Kb / 2P
POLYSNAP POWER INLET MODULES
logo
Adam Technologies, Inc.
IEC-F-1 ADAM-TECH-IEC-F-1 Datasheet
81Kb / 1P
AC INLET/OUTLET IEC 320 CONNECTORS
logo
FSP TECHNOLOGY INC.
FSP040-DHMN2 FSP-FSP040-DHMN2 Datasheet
64Kb / 1P
Wall Mount interchangeable AC inlet
logo
Schurter Inc.
0040 SCHURTER-0040 Datasheet
43Kb / 1P
AC Inlet with 5 x 20mm Fuseholder
logo
TE Connectivity Ltd
SR TEC-SR_V01 Datasheet
253Kb / 2P
Power Inlet Connectors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com